Electronic Components Datasheet Search |
|
NSBA123JDXV6T5G Datasheet(PDF) 3 Page - ON Semiconductor |
|
NSBA123JDXV6T5G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 8 page MUN5135DW1, NSBA123JDXV6, NSBA123JDP6 www.onsemi.com 3 ELECTRICAL CHARACTERISTICS (TA = 25°C, common for Q1 and Q2, unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector−Base Cutoff Current (VCB = 50 V, IE = 0) ICBO − − 100 nAdc Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0) ICEO − − 500 nAdc Emitter−Base Cutoff Current (VEB = 6.0 V, IC = 0) IEBO − − 0.2 mAdc Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0) V(BR)CBO 50 − − Vdc Collector−Emitter Breakdown Voltage (Note 6) (IC = 2.0 mA, IB = 0) V(BR)CEO 50 − − Vdc ON CHARACTERISTICS DC Current Gain (Note 6) (IC = 5.0 mA, VCE = 10 V) hFE 80 140 − Collector−Emitter Saturation Voltage (Note 6) (IC = 10 mA, IB = 0.3 mA) VCE(sat) − − 0.25 Vdc Input Voltage (off) (VCE = 5.0 V, IC = 100 mA) Vi(off) − 0.6 − Vdc Input Voltage (on) (VCE = 0.2 V, IC = 5.0 mA) Vi(on) − 0.8 − Vdc Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) VOL − − 0.2 Vdc Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) VOH 4.9 − − Vdc Input Resistor R1 1.5 2.2 2.9 k W Resistor Ratio R1/R2 0.038 0.047 0.056 6. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%. Figure 1. Derating Curve AMBIENT TEMPERATURE ( °C) 125 100 75 50 25 0 −25 −50 0 50 100 150 200 250 400 150 (1) (2) (3) (1) SOT−363; 1.0 x 1.0 inch Pad (2) SOT−563; Minimum Pad (3) SOT−963; 100 mm2, 1 oz. copper trace 350 300 |
Similar Part No. - NSBA123JDXV6T5G |
|
Similar Description - NSBA123JDXV6T5G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |