Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR460 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR460
Description  SWITCHMODE Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR460 Datasheet(HTML) 5 Page - ON Semiconductor

  MUR460 Datasheet HTML 1Page - ON Semiconductor MUR460 Datasheet HTML 2Page - ON Semiconductor MUR460 Datasheet HTML 3Page - ON Semiconductor MUR460 Datasheet HTML 4Page - ON Semiconductor MUR460 Datasheet HTML 5Page - ON Semiconductor MUR460 Datasheet HTML 6Page - ON Semiconductor MUR460 Datasheet HTML 7Page - ON Semiconductor MUR460 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
http://onsemi.com
5
MUR440, MUR460
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
80
0.008
0.004
200
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
300
700
Figure 7. Typical Reverse Current
Figure 8. Current Derating
(Mounting Method #3 Per Note 2)
Figure 9. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 10. Typical Capacitance
0.7
10
0.07
1.9
2.1
2.3
100
°C
TJ = 175°C
25
°C
600
500
0.08
0.04
0.02
100
°C
25
°C
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
10
12
14
0.3
0.9
1.3
1.7
40
20
30
4.0
10
VR, REVERSE VOLTAGE (VOLTS)
5.0
6.0
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
9.0
10
5.0
10
(Capacitive
Load)
=20
TA, AMBIENT TEMPERATURE (°C)
0
20
40
60
80 100 120 140 160 180 200
0
1
2
3
4
5
6
7
8
Rated VR
RqJA = 28°C/W
SQUAREWAVE
DC


Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR460 MOTOROLA-MUR460 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
First Silicon Co., Ltd
MUR460 FS-MUR460 Datasheet
125Kb / 2P
   Outline Dimensions and Mark
logo
Diotec Semiconductor
MUR460 DIOTEC-MUR460 Datasheet
112Kb / 2P
   Ultrafast Switching Silicon Rectifier Diodes
logo
SynSemi, Inc.
MUR460 SYNSEMI-MUR460 Datasheet
36Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Diotec Semiconductor
MUR460 DIOTEC-MUR460 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results

Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com