Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1510G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR1510G
Description  Switch-mode Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR1510G Datasheet(HTML) 2 Page - ON Semiconductor

  MUR1510G Datasheet HTML 1Page - ON Semiconductor MUR1510G Datasheet HTML 2Page - ON Semiconductor MUR1510G Datasheet HTML 3Page - ON Semiconductor MUR1510G Datasheet HTML 4Page - ON Semiconductor MUR1510G Datasheet HTML 5Page - ON Semiconductor MUR1510G Datasheet HTML 6Page - ON Semiconductor MUR1510G Datasheet HTML 7Page - ON Semiconductor MUR1510G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MUR1510G, MUR1515G, MUR1520G, MUR1540G, MUR1560G, MURF1560G,
SUR81520G, SUR81560G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MUR/SUR8
Unit
1510 1515 1520 1540
1560
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
400
600
V
Average Rectified Forward Current (Rated VR)
IF(AV)
15 @ TC = 150°C
15 @ TC = 145°C
A
Peak Rectified Forward Current (Rated VR, Square Wave, 20 kHz)
IFRM
30 @ TC = 150°C
30 @ TC = 145°C
A
Nonrepetitive Peak Surge Current (Surge applied at rated load
conditions halfwave, single phase, 60 Hz)
IFSM
200
150
A
Operating Junction Temperature and Storage Temperature Range
TJ, Tstg
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
MUR1510 Series: Thermal Resistance
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
1.5
73
°C/W
MURF1560: Thermal Resistance
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
4.25
75
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
1510 1515 1520 1540
1560
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 15 A, TC = 150°C)
(iF = 15 A, TC = 25°C)
vF
0.85
1.05
1.12
1.25
1.20
1.50
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TC = 150°C)
(Rated DC Voltage, TC = 25°C)
iR
500
10
500
10
1000
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
trr
35
60
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MUR1510G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1510G ONSEMI-MUR1510G Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1510G KERSEMI-MUR1510G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1510G KERSEMI-MUR1510G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results

Similar Description - MUR1510G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com