Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SURA8260T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SURA8260T3G
Description  Surface Mount Ultrafast Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SURA8260T3G Datasheet(HTML) 1 Page - ON Semiconductor

  SURA8260T3G Datasheet HTML 1Page - ON Semiconductor SURA8260T3G Datasheet HTML 2Page - ON Semiconductor SURA8260T3G Datasheet HTML 3Page - ON Semiconductor SURA8260T3G Datasheet HTML 4Page - ON Semiconductor SURA8260T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 4
1
Publication Order Number:
MURA260T3/D
MURA260T3G,
SURA8260T3G
Preferred Device
Surface Mount
Ultrafast Power Rectifier
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (1.2 V Max @ 2.0 A, TJ = 150C)
AEC−Q101 Qualified and PPAP Capable
SURA8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
All Packages are Pb-Free*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 70 mg (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260C Max. for 10 Seconds
Polarity: Polarity Band Indicates Cathode Lead
ESD Protection:
Human Body Model > 4000 V (Class 3)
Machine Model > 400 V (Class C)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
ULTRAFAST RECTIFIER
2 AMPERES, 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
MURA260T3G
SMA
(Pb−Free)
5,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SMA
CASE 403D
PLASTIC
MARKING DIAGRAM
U5J
AYWW G
U5J = Device Code
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
SURA8260T3G
SMA
(Pb−Free)
5,000/Tape & Reel


Similar Part No. - SURA8260T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8205 ONSEMI-SURA8205 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
SURA8205T3G ONSEMI-SURA8205T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
SURA8210 ONSEMI-SURA8210 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
SURA8210T3G ONSEMI-SURA8210T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURA8210T3G ONSEMI-SURA8210T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
More results

Similar Description - SURA8260T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA260T3 ONSEMI-MURA260T3 Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifier
February, 2006 ??Rev. 3
MURA160T3 ONSEMI-MURA160T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifier
January, 2003 - Rev. 3
logo
Solid States Devices, I...
RC0128D SSDI-RC0128D_15 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
NHP260SF ONSEMI-NHP260SF Datasheet
145Kb / 6P
   Surface Mount Ultrafast Power Rectifier
March, 2018 - Rev. 0
NHP120SF ONSEMI-NHP120SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 0
NHP220SF ONSEMI-NHP220SF Datasheet
70Kb / 5P
   Surface Mount Ultrafast Power Rectifier
December, 2014 ??Rev. 2
MURA160 ONSEMI-MURA160 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifier
October, 2016 ??Rev. 7
NHPAF320 ONSEMI-NHPAF320_16 Datasheet
67Kb / 5P
   Surface Mount Ultrafast Power Rectifier
November, 2016 ??Rev. 1
MURA160T3G ONSEMI-MURA160T3G_12 Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifier
January, 2012 ??Rev. 6
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60_1 Datasheet
49Kb / 2P
   ULTRAFAST POWER SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com