Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR460RLG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUR460RLG
Description  SWITCHMODE Power Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR460RLG Datasheet(HTML) 1 Page - ON Semiconductor

  MUR460RLG Datasheet HTML 1Page - ON Semiconductor MUR460RLG Datasheet HTML 2Page - ON Semiconductor MUR460RLG Datasheet HTML 3Page - ON Semiconductor MUR460RLG Datasheet HTML 4Page - ON Semiconductor MUR460RLG Datasheet HTML 5Page - ON Semiconductor MUR460RLG Datasheet HTML 6Page - ON Semiconductor MUR460RLG Datasheet HTML 7Page - ON Semiconductor MUR460RLG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 15
1
Publication Order Number:
MUR420/D
MUR405, MUR410, MUR415,
MUR420, MUR440, MUR460
SWITCHMODE
Power Rectifiers
These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 25 ns, 50 ns and 75 ns Recovery Times
175°C Operating Junction Temperature
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 V
Shipped in Plastic Bags, 500 per Bag
Available in Tape and Reel, 1500 per Reel, by Adding a “RLG’’
Suffix to the Part Number
MUR460 available in Fan Fold Ammo Pak, 1000 per Box,
by adding a “FFG” suffix to the part number
These are Pb−Free Packages*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.1 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and
Terminal Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
AXIAL LEAD
CASE 267
STYLE 1
ULTRAFAST RECTIFIERS
4.0 AMPERES, 50−600 VOLTS
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
MUR4xx = Device Number
x = 05, 10, 15, 20, 40, 60
YY
= Year
WW
= Work Week
G
=Pb−Free Package
MARKING DIAGRAM
A
MUR
4xx
YYWW G
G
(Note: Microdot may be in either location)


Similar Part No. - MUR460RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR460RLG ONSEMI-MUR460RLG Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
More results

Similar Description - MUR460RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com