Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD340T4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MURD340T4G
Description  SWITCHMODE PowerRectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURD340T4G Datasheet(HTML) 2 Page - ON Semiconductor

  MURD340T4G_12 Datasheet HTML 1Page - ON Semiconductor MURD340T4G_12 Datasheet HTML 2Page - ON Semiconductor MURD340T4G_12 Datasheet HTML 3Page - ON Semiconductor MURD340T4G_12 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURD340T4G, NRVUD340T4G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Case
RqJC
2
C/W
Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
49
C/W
1. Rating applies when surface mounted on a 700 mm2, 1 oz Cu heat spreader.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage
(IF = 3.0 A, TJ = 25C)
(IF = 3.0 A, TJ = 150C)
VF
1.15
0.92
V
Maximum Instantaneous Reverse Current (Rated VR)
(TJ = 25C, 400 V)
(TJ = 150C, 400 V)
IR
5
500
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms, VR = 30 V, TJ = 25C)
trr
50
ns
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
TYPICAL CHARACTERISTICS
0.1
1.0
10.0
100.0
0.4 0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VF, INSTANTANEOUS VOLTAGE (V)
25C
175C
150C
Figure 1. Typical Forward Voltage
0.1
1.0
10.0
100.0
0.4 0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VF, INSTANTANEOUS VOLTAGE (V)
25C
175C
150C
Figure 2. Maximum Forward Voltage


Similar Part No. - MURD340T4G_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURD340T4G ONSEMI-MURD340T4G Datasheet
85Kb / 4P
   SWITCHMODE Power Rectifier
December, 2004 ??Rev. 0
MURD340T4G ONSEMI-MURD340T4G Datasheet
65Kb / 4P
   Switch-mode PowerRectifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com