Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78D015S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D015S
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D015S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D015S Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D015S Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2004. 12. 13
1/9
Revision No : 1
3 TERMINAL LOW DROP VOLTAGE REGULATOR
The KIA78D
××× Series are Low Dropout Voltage Regulator
suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
・1.0A Output Low Drop Voltage Regulator.
・Bulit in Over Current Protection, Over Heat Protetion Function.
・Low Quiescent Current :0.8mA (Typ.)
LINE UP
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78D015S/F
1.5
S : SOT-223
F : DPAK
KIA78D018S/F
1.8
KIA78D020S/F
2.0
KIA78D025S/F
2.5
KIA78D030S/F
3.0
KIA78D033S/F
3.3
KIA78D050S/F
5.0
* KIA78D015PI
1.5
PI : TO-220IS
* KIA78D018PI
1.8
* KIA78D020PI
2.0
* KIA78D025PI
2.5
* KIA78D030PI
3.0
* KIA78D033PI
3.3
* KIA78D050PI
5.0
SEMICONDUCTOR
TECHNICAL DATA
KIA78D015S/F/PI~
KIA78D050S/F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
* : Under Development.


Similar Part No. - KIA78D015S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D05 KEC-KIA78D05 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D05 KEC-KIA78D05 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D05 KEC-KIA78D05 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D05AF KEC-KIA78D05AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D05F KEC-KIA78D05F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
More results

Similar Description - KIA78D015S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com