Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78R000F Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA78R000F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R000F Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA78R000F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R000F_15 Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2005. 11. 8
5/10
KIA78R000F/PI~KIA78R050F/PI
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78R025F/PI (Unless otherwise specified, VIN=4.5V, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=4.5V, IOUT=0.5A
2.438
2.5
2.562
V
3.5V
VIN 12V, 5mA IOUT 1A,
0
Tj
125
2.412
2.5
2.588
Line Regulation
Reg Line
3.5V
VIN 12V, IOUT=0.5A
-
5
20
mV
Load Regulation
Reg Load
VIN=4.5V, 5mA IOUT 1A
-
5
20
mV
Quiescent Current
IQ
3.5V
VIN 12V, IOUT=0A
-
0.8
1.8
mA
3.5V
VIN 12V, IOUT=1A
-
10
20
Starting Quiescent Current
IQ(start)
VIN=2.1V, IOUT=0A
-
0.9
5
mA
VIN=2.7V, IOUT=1A
-
12
30
Output Noise Voltage
VNO
VIN=4.5V, IOUT=50mA,
10Hz
f
100kHz
-
95
-
Vrms
Ripple Rejection
R
R
3.5V
VIN 12V, IOUT=50mA, f=120Hz
53
64
-
dB
Dropout Voltage
VD
IOUT=0.5A
-
0.3
0.5
V
IOUT=1A
-
0.5
-
Quiescent Current (OFF mode)
IQ(OFF)
VC=0.4V, 3.5V VIN 12V
-
0.5
5
A
Output Control Voltage (ON)
VC(ON)
IOUT=0.1A
2
-
-
V
Output Control Voltage (OFF)
VC(OFF)
-
-
-
0.8
V
Output Control Current (ON)
IC(ON)
VIN=VC=4.5V, IOUT=0.1A
-
30
100
A
Output Control Current (OFF)
IC(OFF)
VIN=4.5V, VC=0V
-
0.1
2
A
ELECTRICAL CHARACTERISTICS
KIA78R030F/PI (Unless otherwise specified, VIN=5V, Tj=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=5.0V, IOUT=0.5A
2.925
3.0
3.075
V
4.0V
VIN 12V, 5mA IOUT 1A,
0
Tj
125
2.895
3.0
3.105
Line Regulation
Reg Line
4.0V
VIN 12V, IOUT=0.5A
-
5
20
mV
Load Regulation
Reg Load
VIN=5.0V, 5mA IOUT 1A
-
5
20
mV
Quiescent Current
IQ
4.0V
VIN 12V, IOUT=0A
-
0.8
1.8
mA
4.0V
VIN 12V, IOUT=1A
-
10
20
Starting Quiescent Current
IQ(start)
VIN=2.1V, IOUT=0A
-
1.1
5
mA
VIN=2.8V, IOUT=1A
-
13
30
Output Noise Voltage
VNO
VIN=5.0V, IOUT=50mA,
10Hz
f
100kHz
-
110
-
Vrms
Ripple Rejection
R
R
4.0V
VIN 12V, IOUT=50mA, f=120Hz
50
63
-
dB
Dropout Voltage
VD
IOUT=0.5A
-
0.3
0.5
V
IOUT=1A
-
0.5
-
Quiescent Current (OFF mode)
IQ(OFF)
VC=0.4V, 4.0V VIN 12V
-
0.5
5
A
Output Control Voltage (ON)
VC(ON)
IOUT=0.1A
2
-
-
V
Output Control Voltage (OFF)
VC(OFF)
-
-
-
0.8
V
Output Control Current (ON)
IC(ON)
VIN=VC=4.5V, IOUT=0.1A
-
35
100
A
Output Control Current (OFF)
IC(OFF)
VIN=5.0V, VC=0V
-
0.1
2
A


Similar Part No. - KIA78R000F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
103Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
More results

Similar Description - KIA78R000F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com