Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78R015ZZPI Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA78R015ZZPI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R015ZZPI Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA78R015ZZPI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R015ZZPI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2010. 2. 2
7/9
KIA78R000ZF/ZPI~~KIA78R050ZF/ZPI
Revision No : 0
VOUT
VIN
VC
Fig. 5
Test Circuit (Adjustable - Type)
CIN
0.33
µF
COUT
47
µF
R1
R2
1k
Fig. 3
Test Circuit (Fixed-Type)
Specific IC
5
1
3
2
ON/OFF
signal
COUT
VOUT
High
: Output ON
Low or Open : Output OFF
CMOS or TTL
IN
V
Fig. 4 Application Circuit for Standard (Fixed-Type)
+
_
C IN
A
A
A
A
A
A
V
V
R
I
IQ
IQ
L
O
I O
VOUT
VIN
VIN
VOUT
VC
GND
IC
VC
CIN
0.33
µF
COUT
47
µF
VOUT
(1) ON/OFF Signal
(2)
Load
VOUT
VIN
Fig. 6
Application Circuit (Adjustable - Type)
CIN
0.33
µF
COUT
47
µF
R1
R2
1k
High : Output ON
Low/ Open: Output OFF
[]
=Vref
× (1+
,(R1=1k
, Vref=1.25V)
R1
R2
)
CIN : More than 0.33 F required if regulator is located an appreciable distance from power supply filter.
You must use to prevent from the parasitic oscillation.
COUT : More than 47 F. You must use the Low-impedance-type(low ESR) capacitor.
CIN : More than 0.33 F required if regulator is located an appreciable distance from power supply filter.
You must use to prevent from the parasitic oscillation.
COUT : More than 47 F. You must use the Low-impedance-type(low ESR) capacitor.


Similar Part No. - KIA78R015ZZPI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R015ZF/ZPI KEC-KIA78R015ZF/ZPI Datasheet
121Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78R015ZZPI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com