Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA4558P Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA4558P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA4558P Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA4558P_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIA4558P_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIA4558P_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2012. 5. 7
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIA4558P/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
DUAL LOW NOISE OPERATIONAL AMPLIFIER
FEATURES
・Internal Frequency Compensation Type.
・Wide Band Range : f
T=3MHz (Typ.)
・Suitable Application for Active Filter and Equalizer Amplifier.
・Qualified to AEC-Q100.
1
2
3
4
8
7
6
5
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
PIN CONNECTION (TOP VIEW)
KIA4558P
4558P
KIA
MARKING
Lot No.
Device Name
Trade Name
KIA4558F
A 4558F
Lot No.
Device Name
Trade Name
85
14
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3.8 0.3
0 - 15
1.52 0.1
W
9.6 0.2
6.45 0.2
0.46 0.1
0.50 MIN
3.3 0.3
2.54
0.25+0.1/-0.05
7.62
Q
+
_
+
_
+
_
+
_
+
_
+
_
85
14
Q
DIP-8 (1)
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
0 - 15
1.52 0.1
W
9.2 0.2
6.40 0.2
0.46 0.1
0.33 MIN
5.08 MAX
3.3 0.3
0.25+0.1/-0.05
Q
+
_
+
_
+
_
+
_
+
_
2.54 0.25
+
_
7.62 0.25
+
_
FLP-8
0.20+0.1/-0.05
P
T
1.27
U
0.1 MAX
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
U
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
36 or 18
V
VEE
0 or -18
Differential Input Voltage
DVIN
±30
V
Input Voltage
VIN
VCC~VEE
V
Power Dissipation
KIA4558P
PD
500
mW
KIA4558F
240
Operating Temperature
Topr
-40
~85
Storage Temperature
Tstg
-55
~125


Similar Part No. - KIA4558P_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA4558P-F KEC-KIA4558P-F Datasheet
72Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA4558P_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com