Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7133M Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC7133M
Description  Analog CMOS Integrated Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7133M Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC7133M Datasheet HTML 1Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 2Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 3Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 4Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 5Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 6Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 7Page - KEC(Korea Electronics) KIC7133M Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2014. 3. 05
1/8
SEMICONDUCTOR
TECHNICAL DATA
KIC7108~7160M/T5/P
Analog CMOS Integrated Circuits
Revision No : 2
IC for CMOS Detector Monolithic IC KIC71** Series
This IC functions in a variety of CPU systems and other logic systems, to
detect supply voltage and reset the system accurately when the power is
turned on or interrupted.
To 2% of detection voltage accuracy of the conventional models, a
maximum of 1% of super-high precision is realized, and it is more suitable
for battery detection ets.
FEATURES
・High Accuracy : ±1%
・Ultra-low current consumption: 0.25μA(Typ)
・Operating temperature range : -40~ + 105℃
・Detecting voltage rank : 0.8 ~ 6.0V(0.1V step)
・Output configuration : CMOS output
Applications
・Reset circuits for microcomputers, CPUs and MPUs
・Reset circuits for logic circuits
・Battery voltage check circuits
・Back-up power supply switching circuits
・Level detection circuits
Pin Configuration
Top View


Similar Part No. - KIC7133M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
More results

Similar Description - KIC7133M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com