Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3201S-59 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC3201S-59
Description  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-59 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC3201S-59 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-59 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-59 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-59 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-59 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
SEMICONDUCTOR
TECHNICAL DATA
Large Current Positive Voltage Regulator
The KIC3201S/T series are highly precise, low power consumption,
positive voltage regulators manufactured using CMOS and laser trimming
technologies. The series provides large currents with a significantly small
dropout voltage. The KIC3201S/T consists of a driver transistor, a
precision reference voltage and an error amplifier. Output voltage is
selectable in 0.05V steps between a voltage of 1.2V and 6.0V.
Features
Maximum Output Current : 400mA
Dropout Voltage : 150mV @100mA, 300mV @200mA for V
OUT=3.0V
Maximum Operating Voltage : 10V
Output Voltage Range :
1.2V ~ 6.0V (selectable in 0.05V steps)
Highly Accurate :
±2%
Low Power Consumption : Typ. 8.0uA
Operational Temperature Range : -40
℃ ~ 85℃
Low ESR Capacitor : Ceramic compatible or Tantalum
Applications
Battery Powered Equipment
Reference Voltage Sources
Digital Cameras, Camcoders
Palmtop Computers
Portable Audio Video Equipment
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
A
C
K
F
MILLIMETERS
H
FF
D
+
_
+
_
1 GND
V
OUT
3
2 VIN
2
Heat Sink is common
to
(VIN)
Pin Configuration
12
3
GND
SOT-89
(TOP VIEW)
VIN
VOUT
Type Name
Lot No.
KIC3201S/T-12 ~
KIC3201S/T-60
CMOS Linear Integrated Circuit
No.
Symbol
Description
1
GND
Ground
2
VIN
Power input
3
VOUT
Output
•Heat Sink is common to ② (V
IN)
2013. 7. 04
Revision No : 12
DIM
MILLIMETERS
A
B
D
E
TSM
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
B
E
H
J
J
2
1
3
+
_
+
_
+
_
+
_
+
_
1. VOUT
2. GND
3. VIN
1
2
3
TSM
(TOP VIEW)
Type Name
Lot No.
No.
Symbol
Description
1
VOUT
Output
2
GND
Ground
3
VIN
Power input
KIC3201S-XX
KIC3201T-XX


Similar Part No. - KIC3201S-59

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S-59 KEC-KIC3201S-59 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
KIC3201S-59 KEC-KIC3201S-59 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-59 KEC-KIC3201S-59 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Similar Description - KIC3201S-59

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com