Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM0700L6B-T Datasheet(PDF) 4 Page - AZ Displays

Part # ATM0700L6B-T
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700L6B-T Datasheet(HTML) 4 Page - AZ Displays

  ATM0700L6B-T Datasheet HTML 1Page - AZ Displays ATM0700L6B-T Datasheet HTML 2Page - AZ Displays ATM0700L6B-T Datasheet HTML 3Page - AZ Displays ATM0700L6B-T Datasheet HTML 4Page - AZ Displays ATM0700L6B-T Datasheet HTML 5Page - AZ Displays ATM0700L6B-T Datasheet HTML 6Page - AZ Displays ATM0700L6B-T Datasheet HTML 7Page - AZ Displays ATM0700L6B-T Datasheet HTML 8Page - AZ Displays ATM0700L6B-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ATM0700L6B-T(AZ DISPLAYS) TFT MODULE VER1.4
AZ DISPLAYS
3
1.0 GENERAL SPECIFICATION
Item
Specification
Remark
1. LCD size
7.0 inch(Diagonal)
2. Driver element
a-Si TFT active matrix
3. Resolution
800x(RGB) x 480
4. Display mode
Normally white, Transmissive
5. Dot pitch (W*H)
0.0642mm(W) x 0.1790mm(H)
6. Pixel pitch(W*H)
0.1926mm(W) x 0.1790mm(H)
7.
Active area(W*H)
154.08mm(W) x 85.92mm(H)
8.
Module size (W*H)
164.9mm(W) x 100.0mm(H) x 12.5mm(D)
Note 1
9.
Surface treatment
Anti-glare
10. Bezel material
Stainless steel
11. Color arrangement
RGB-stripe
12. Color
262K
13. Interface
18bit LVDS interface
14. Weight
211g(Typ.)
15. RoHS
ROHS compliant
Note 1: Please refer to mechanical drawing.
2.0 BLOCK DIAGRAM
Touch interface
Touch
panel
LVDS interface
LVDS To RGB
converting circuit
LCD Power
circuit
Backlight driving
circuit
7'' TFT with RGB interface


Similar Part No. - ATM0700L6B-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700L6B-CT AZDISPLAYS-ATM0700L6B-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700L6B-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com