Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB11_PUMB11 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PEMB11_PUMB11
Description  PNP/PNP resistor-equipped transistors;
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB11_PUMB11 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PEMB11_PUMB11_15 Datasheet HTML 6Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 7Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 8Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 9Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 10Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 11Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 12Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 13Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PEMB11_PUMB11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2011
11 of 14
NXP Semiconductors
PEMB11; PUMB11
PNP/PNP resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PEMB11_PUMB11 v.3
20111130
Product data sheet
-
PEMB11_PUMB11 v.2
Modifications:
The format of this document has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Section 1 “Product profile”: updated
• Section 4 “Marking”: updated
• Table 7 “Thermal characteristics”: updated according to the latest measurements
• Table 8 “Characteristics”: ICEO updated according to the latest measurements, Vi(on) and
Vi(off) changed respectively to VI(on) and VI(off), fT added
• Figure 1 to 9: added
• Section 8 “Test information”: added
• Figure 11 and 10: replaced by minimized package outline drawings
• Section 10 “Packing information”: added
• Section 11 “Soldering”: added
• Section 13 “Legal information”: updated
PEMB11_PUMB11 v.2
20031003
Product data sheet
-
PEMB11 v.1
PUMB11 v.1
PEMB11 v.1
20010913
Preliminary specification -
-
PUMB11 v.1
20000808
Product specification
-
-


Similar Part No. - PEMB11_PUMB11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
   PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
More results

Similar Description - PEMB11_PUMB11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Nexperia B.V. All right...
PQMB11 NEXPERIA-PQMB11 Datasheet
708Kb / 14P
   PNP/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMB14 PHILIPS-PEMB14_15 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors
Rev. 02-31 August 2009
PDTA144E PHILIPS-PDTA144E Datasheet
92Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 05
PDTA123E PHILIPS-PDTA123E Datasheet
102Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 02
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com