Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB13_PUMB13 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMB13_PUMB13
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB13_PUMB13 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMB13_PUMB13_15 Datasheet HTML 2Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 3Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 4Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 5Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 6Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 7Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 8Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 9Page - NXP Semiconductors PEMB13_PUMB13_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PEMB13_PUMB13
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 December 2011
6 of 14
NXP Semiconductors
PEMB13; PUMB13
PNP/PNP resistor-equipped transistors; R1 = 4.7 k
, R2 = 47 k
7.
Characteristics
[1]
Characteristics of built-in transistor
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = 50 V; IE =0A
-
-
100 nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB =0A
-
-
1
A
VCE = 30 V; IB =0A;
Tj =150 C
--
5
A
IEBO
emitter-base cut-off
current
VEB = 5V; IC =0A
-
-
170 A
hFE
DC current gain
VCE = 5V; IC = 10 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5mA; IB = 0.25 mA
-
-
100 mV
VI(off)
off-state input voltage
VCE = 5V; IC = 100 A-
0.6
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5mA
1.3
0.9
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
8
10
12
Cc
collector capacitance
VCB = 10 V; IE =ie =0A;
f=1MHz
--
3
pF
fT
transition frequency
VCE = 5V; IC = 10 mA;
f=100MHz
[1]
-
180
-
MHz


Similar Part No. - PEMB13_PUMB13_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PEMB13 NEXPERIA-PEMB13 Datasheet
915Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
More results

Similar Description - PEMB13_PUMB13_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMB13 NEXPERIA-PEMB13 Datasheet
915Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
PDTA143Z_SER NEXPERIA-PDTA143Z_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
logo
NXP Semiconductors
PEMD13_PUMD13 PHILIPS-PEMD13_PUMD13_15 Datasheet
958Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 3-7 December 2011
logo
Nexperia B.V. All right...
PEMB15 NEXPERIA-PEMB15 Datasheet
916Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
logo
NXP Semiconductors
PEMB15_PUMB15 PHILIPS-PEMB15_PUMB15_15 Datasheet
621Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PEMB2_PUMB2 PHILIPS-PEMB2_PUMB2_15 Datasheet
628Kb / 14P
   PNP/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PEMB2 NEXPERIA-PEMB2 Datasheet
627Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 3 - 17 November 2011
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
PDTA143E_SER NEXPERIA-PDTA143E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com