Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN4280-CHR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTN4280-CHR
Description  Marktech 0.80 Dual Digit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN4280-CHR Datasheet(HTML) 1 Page - Marktech Corporate

  MTN4280-CHR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
428
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
0.8" Dual Digit Display
0.8" Dual Digit Display
0.8" Dual Digit Display
0.8" Dual Digit Display
0.8" Dual Digit Display
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 0.8" digit height
· Right hand decimal point
· Additional colors/materials available
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE E (D1)
1.
ANODE E (D1)
2.
CATHODE D (D1)
2.
ANODE D (D1)
3.
CATHODE C (D1)
3.
ANODE C (D1)
4.
CATHODE DP (D1)
4.
ANODE DP (D1)
5.
CATHODE E (D2)
5.
ANODE E (D2)
6.
CATHODE D (D2)
6.
ANODE D (D2)
7.
CATHODE G (D2)
7.
ANODE G (D2)
8.
CATHODE C (D2)
8.
ANODE C (D2)
9.
CATHODE DP (D2)
9.
ANODE DP (D2)
10.
CATHODE B (D2)
10.
ANODE B (D2)
11.
CATHODE A (D2)
11.
ANODE A (D2)
12.
CATHODE F (D2)
12.
ANODE F (D2)
13.
D2 COMMON ANODE
13.
D2 COMMON CATHODE
14.
D1 COMMON ANODE
14.
D1 COMMON CATHODE
15.
CATHODE B (D1)
15.
ANODE B (D1)
16.
CATHODE A (D1)
16.
ANODE A (D1)
17.
CATHODE G (D1)
17.
ANODE G (D1)
18.
CATHODE F (D1)
18.
ANODE F (D1)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTN2280-AG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
1
MTN4280-AO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3800
10
1
MTN4280-AHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3800
10
1
MTN7280M-11A
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
20000
20
1
MTN2280-CG
567
Green
Grey
White
30
5
85
2.1
3.0
20
100
5
3300
10
2
MTN4280-CO
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
3800
10
2
MTN4280-CHR
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
3800
10
2
MTN7280M-11C
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
20000
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTN4280-CHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN4228-11A MARKTECH-MTN4228-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN4228-11C MARKTECH-MTN4228-11C Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN4228R-11A MARKTECH-MTN4228R-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN4228R-11C MARKTECH-MTN4228R-11C Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTN4240-11A MARKTECH-MTN4240-11A Datasheet
40Kb / 1P
   Marktech 0.40 Dual Digit
More results

Similar Description - MTN4280-CHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2180-AG MARKTECH-MTN2180-AG Datasheet
42Kb / 1P
   Marktech 0.80 Single Digit w/LRDecimal
MTN2240-11A MARKTECH-MTN2240-11A Datasheet
40Kb / 1P
   Marktech 0.40 Dual Digit
MTN2256-AG MARKTECH-MTN2256-AG Datasheet
45Kb / 1P
   Marktech 0.56 Dual Digit?
MTN3032-AG MARKTECH-MTN3032-AG Datasheet
39Kb / 1P
   Marktech 0.30 Dual Digit
MTN2228-11A MARKTECH-MTN2228-11A Datasheet
41Kb / 1P
   Marktech 0.28 Dual Digit
MTAN2180-AG MARKTECH-MTAN2180-AG Datasheet
43Kb / 1P
   Marktech 0.80 Single Alpha Numeric
logo
BRIGHT LED ELECTRONICS ...
BD-C836RD BRIGHT-BD-C836RD Datasheet
145Kb / 3P
   0.80"(20.32mm) DUAL DIGIT LED DISPLAY
BD-F832RD BRIGHT-BD-F832RD Datasheet
148Kb / 3P
   0.80"(20.32mm) DUAL DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW2-801 LUCKY-LIGHT-KW2-801 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.80)
KW2-802 LUCKY-LIGHT-KW2-802 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.80)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com