Electronic Components Datasheet Search |
|
PEMB18_PUMB18 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
PEMB18_PUMB18 Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 14 page PEMB18_PUMB18 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5 — 21 December 2011 3 of 14 NXP Semiconductors PEMB18; PUMB18 PNP/PNP resistor-equipped transistors; R1 = 4.7 k , R2 = 10 k 5. Limiting values [1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. [2] Reflow soldering is the only recommended soldering method. Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Per transistor VCBO collector-base voltage open emitter - 50 V VCEO collector-emitter voltage open base - 50 V VEBO emitter-base voltage open collector - 7V VI input voltage positive - +7 V negative - 20 V IO output current - 100 mA ICM peak collector current single pulse; tp 1ms - 100 mA Ptot total power dissipation Tamb 25 C PEMB18 (SOT666) [1][2] -200 mW PUMB18 (SOT363) [1] -200 mW Per device Ptot total power dissipation Tamb 25 C PEMB18 (SOT666) [1][2] -300 mW PUMB18 (SOT363) [1] -300 mW Tj junction temperature - 150 C Tamb ambient temperature 65 +150 C Tstg storage temperature 65 +150 C |
Similar Part No. - PEMB18_PUMB18_15 |
|
Similar Description - PEMB18_PUMB18_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |