Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB20_PUMB20 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMB20_PUMB20
Description  PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB20_PUMB20 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMB20_PUMB20_15 Datasheet HTML 1Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 2Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 3Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 4Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 5Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 6Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 7Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 8Page - NXP Semiconductors PEMB20_PUMB20_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PEMB20_PUMB20_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 1 September 2009
4 of 11
NXP Semiconductors
PEMB20; PUMB20
PNP/PNP resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
7.
Characteristics
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −50 V; IE = 0 A
-
-
−100
nA
ICEO
collector-emitter
cut-off current
VCE = −30 V; IB = 0 A
-
-
−1
µA
VCE = −30 V; IB = 0 A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC = 0 A
-
-
−2mA
hFE
DC current gain
VCE = −5 V; IC = −20 mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
-
−150
mV
VI(off)
off-state input voltage
VCE = −5 V; IC = −1 mA
-
−1.2
−0.5
V
VI(on)
on-state input voltage
VCE = −0.3 V; IC = −20 mA
−2
−1.6
-
V
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A;
f=1MHz
--3
pF


Similar Part No. - PEMB20_PUMB20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
More results

Similar Description - PEMB20_PUMB20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
logo
NXP Semiconductors
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
logo
Nexperia B.V. All right...
PDTA123Y_SER NEXPERIA-PDTA123Y_SER Datasheet
237Kb / 19P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
PEMB30_PUMB30 PHILIPS-PEMB30_PUMB30_15 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMB30 NXP-PEMB30 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com