Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD13_PUMD13 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMD13_PUMD13
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD13_PUMD13 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMD13_PUMD13_15 Datasheet HTML 1Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 2Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 3Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 4Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 5Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 6Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 7Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 8Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PEMD13_PUMD13
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2011
3 of 16
NXP Semiconductors
PEMD13; PUMD13
NPN/PNP resistor-equipped transistors; R1 = 4.7 k
, R2 = 47 k
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage TR1
positive
-
+30
V
negative
-
5V
input voltage TR2
positive
-
+5
V
negative
-
30
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse;
tp  1ms
-100
mA
Ptot
total power dissipation
Tamb  25 C
PEMD13 (SOT666)
[1][2] -200
mW
PUMD13 (SOT363)
[1] -200
mW
Per device
Ptot
total power dissipation
Tamb  25 C
PEMD13 (SOT666)
[1][2] -300
mW
PUMD13 (SOT363)
[1] -300
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C


Similar Part No. - PEMD13_PUMD13_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
More results

Similar Description - PEMD13_PUMD13_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
logo
Nexperia B.V. All right...
PDTC143Z_SER NEXPERIA-PDTC143Z_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
PDTA143Z_SER NEXPERIA-PDTA143Z_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
logo
NXP Semiconductors
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
PEMB13 NEXPERIA-PEMB13 Datasheet
915Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
logo
NXP Semiconductors
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com