Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD14_PUMD14 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMD14_PUMD14
Description  NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD14_PUMD14 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMD14_PUMD14_15 Datasheet HTML 1Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 2Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 3Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 4Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 5Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 6Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 7Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 8Page - NXP Semiconductors PEMD14_PUMD14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN/PNP resistor-equipped transistors
1.2 Features
I Built-in bias resistors
I Simplifies circuit design
I Reduces component count
I Reduces pick and place cost
1.3 Applications
I Low current peripheral driver
I Control of IC inputs
I Replacement of general-purpose transistors in digital applications
1.4 Quick reference data
PEMD14; PUMD14
NPN/PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
Rev. 02 — 2 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP/PNP
complement
NPN/NPN
complement
NXP
JEITA
PEMD14
SOT666
-
PEMB14
PEMH14
PUMD14
SOT363
SC-88
PUMB14
PUMH14
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
33
47
61
k


Similar Part No. - PEMD14_PUMD14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD14 NXP-PEMD14 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMD14 NEXPERIA-PEMD14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
More results

Similar Description - PEMD14_PUMD14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD14 NXP-PEMD14 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PEMB14 NXP-PEMB14 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009
logo
Nexperia B.V. All right...
PEMB14 NEXPERIA-PEMB14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
logo
NXP Semiconductors
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMH14 PHILIPS-PEMH14 Datasheet
49Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
Rev. 02-29 April 2005
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com