Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6065 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6065
Description  Double Pole Double Throw Relay Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6065 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6065 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6065 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Weight
0.19 lbs [86.18 g]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation
Transfer Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control with Indicators, Failsafe, Normally
Open from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control with
Indicators, Failsafe, Normally Open PE71S6065
URL: http://www.pasternack.com/sma-transfer-electromechanical-relay-switch-18-ghz-indicators-pe71s6065-p.aspx
PE71S6065
PE71S6065 REV 1.0
Transfer Electromechanical Relay Switch DC to 18 GHz, SMA,
240 Watts, 28V Control with Indicators, Failsafe, Normally Open


Similar Part No. - PE71S6065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6060 PASTERNACK-PE71S6060 Datasheet
387Kb / 4P
   Single Pole Three Throw Terminated Relay Switch
PE71S6061 PASTERNACK-PE71S6061 Datasheet
395Kb / 4P
   Transfer Terminated Electromechanical Relay
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
   Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
PE71S6063 PASTERNACK-PE71S6063 Datasheet
393Kb / 4P
   Double Pole Three Throw Terminated Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
More results

Similar Description - PE71S6065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6056 PASTERNACK-PE71S6056 Datasheet
394Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6052 PASTERNACK-PE71S6052 Datasheet
382Kb / 4P
   Single Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com