Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH11_PUMH11 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMH11_PUMH11
Description  NPN/NPN resistor-equipped transistors R1 = 10 k?? R2 = 10 k?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH11_PUMH11 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMH11_PUMH11_15 Datasheet HTML 2Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 3Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 4Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 5Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 6Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 7Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 8Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 9Page - NXP Semiconductors PEMH11_PUMH11_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PEMH11_PUMH11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 29 November 2011
6 of 14
NXP Semiconductors
PEMH11; PUMH11
NPN/NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
7.
Characteristics
[1]
Characteristics of built-in transistor.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base
cut-off current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
A
VCE =30V; IB =0A;
Tj = 150 C
--5
A
IEBO
emitter-base
cut-off current
VEB =5V; IC = 0 A
-
-
400
A
hFE
DC current gain
VCE =5V; IC =5mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input
voltage
VCE =5V; IC =100 A-
1.1
0.8
V
VI(on)
on-state input
voltage
VCE = 0.3 V; IC =10mA
2.5
1.8
-
V
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance VCB =10V; IE =ie =0A;
f= 1MHz
--2.5
pF
fT
transition frequency
VCB =5V; IC =10 mA;
f = 100 MHz
[1] -
230
-
MHz


Similar Part No. - PEMH11_PUMH11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PEMH11 NEXPERIA-PEMH11 Datasheet
223Kb / 11P
   50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
More results

Similar Description - PEMH11_PUMH11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EU115 NXP-PDTC114EU115 Datasheet
717Kb / 17P
   NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
logo
Nexperia B.V. All right...
PDTC114E_SER NEXPERIA-PDTC114E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PEMD3-115 NXP-PEMD3-115 Datasheet
986Kb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMD3 NEXPERIA-PEMD3 Datasheet
1Mb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PEMD3 NEXPERIA-PEMD3_V01 Datasheet
1Mb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PEMH9 NEXPERIA-PEMH9_V01 Datasheet
790Kb / 18P
   NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
logo
Nexperia B.V. All right...
PDTC114Y_SER NEXPERIA-PDTC114Y_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com