Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH15_PUMH15 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PEMH15_PUMH15
Description  NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH15_PUMH15 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PEMH15_PUMH15_15 Datasheet HTML 5Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 6Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 7Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 8Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 9Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 10Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 11Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 12Page - NXP Semiconductors PEMH15_PUMH15_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PEMH15_PUMH15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 16 December 2011
9 of 14
NXP Semiconductors
PEMH15; PUMH15
NPN/NPN resistor-equipped transistors; R1 = 4.7 k
, R2 = 4.7 k
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number
Package Description
Packing quantity
3000
4000
8000
10000
PEMH15
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMH15
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2]
-115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3]
-125
-
-
-165
Reflow soldering is the only recommended soldering method.
Fig 12. Reflow soldering footprint PEMH15 (SOT666)
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6
×)
0.55
(2
×)
0.25
(2
×)
0.6
(2
×)
0.65
(2
×)
0.3
(2
×)
0.325
(4
×)
0.45
(4
×)
0.5
(4
×)
0.375
(4
×)
1.7
2
1.7
1.075
0.538
Dimensions in mm


Similar Part No. - PEMH15_PUMH15_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PEMH15 NEXPERIA-PEMH15 Datasheet
916Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
More results

Similar Description - PEMH15_PUMH15_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
logo
NXP Semiconductors
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PEMH18_PUMH18 PHILIPS-PEMH18_PUMH18_15 Datasheet
589Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 10 k?
Rev. 4-19 December 2011
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
logo
Nexperia B.V. All right...
PDTC143Z_SER NEXPERIA-PDTC143Z_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
PDTC143X_SER NEXPERIA-PDTC143X_SER Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X_15 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 11-9 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com