Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH16_PUMH16 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMH16_PUMH16
Description  NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH16_PUMH16 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMH16_PUMH16_15 Datasheet HTML 1Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 2Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 3Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 4Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 5Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 6Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 7Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 8Page - NXP Semiconductors PEMH16_PUMH16_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PEMH16_PUMH16_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
4 of 9
NXP Semiconductors
PEMH16; PUMH16
NPN/NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
7.
Characteristics
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] --
625
K/W
SOT666
[1][2] --
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] --
416
K/W
SOT666
[1][2] --
416
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0 A
-
-
1
μA
VCE =30V; IB =0 A;
Tj = 150 °C
--
50
μA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
120
μA
hFE
DC current gain
VCE =5V; IC =5mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC =100 μA-
0.8
0.5
V
VI(on)
on-state input voltage
VCE =0.3 V; IC =2mA
2
1.1
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f= 1MHz
--
2.5
pF


Similar Part No. - PEMH16_PUMH16_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PEMH16 NEXPERIA-PEMH16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
More results

Similar Description - PEMH16_PUMH16_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com