Electronic Components Datasheet Search |
|
IRFTS8342PBF Datasheet(PDF) 1 Page - International Rectifier |
|
IRFTS8342PBF Datasheet(HTML) 1 Page - International Rectifier |
1 / 8 page 02/23/12 IRFTS8342PbF HEXFET® Power MOSFET Notes through are on page 2 Features and Benefits www.irf.com 1 Applications System/Load Switch TSOP-6 Absolute Maximum Ratings Parameter Units VDS Drain-to-Source Voltage VGS Gate-to-Source Voltage ID @ TA = 25°C Continuous Drain Current, VGS @ 10V ID @ TA = 70°C Continuous Drain Current, VGS @ 10V IDM Pulsed Drain Current c PD @TA = 25°C Power Dissipation e PD @TA = 70°C Power Dissipation e Linear Derating Factor W/°C TJ Operating Junction and TSTG Storage Temperature Range V A W °C Max. 8.2 6.6 80 ±20 30 -55 to + 150 2.0 0.02 1.3 VDS 30 V VGS ±20 V RDS(on) max (@VGS = 10V) 19 m RDS(on) max (@VGS = 4.5V) 29 m Qg (typical) 4.8 nC ID (@TA = 25°C) 8.2 A Note Form Quantity IRFTS8342TRPBF TSOP-6 Tape and Reel 3000 Orderable part number Package Type Standard Pack Features Resulting Benefits Industry-Standard TSOP-6 Package Multi-Vendor Compatibility RoHS Compliant Containing no Lead, no Bromide and no Halogen Environmentally Friendlier MSL1, Consumer Qualification Increased Reliability PD - 97728A |
Similar Part No. - IRFTS8342PBF |
|
Similar Description - IRFTS8342PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |