Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC10UDPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC10UDPBF
Description  INDUSTRY STANDARD TO-220AB PACKAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10UDPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC10UDPBF_15 Datasheet HTML 1Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 2Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4BC10UDPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRG4BC10UDPbF
www.irf.com
3
0.1
1
10
100
0
1
2
3
4
5
6
7
f, Frequency (KHz)
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
For both:
Duty cycle: 50%
T = 125°C
T
= 90°C
Gate drive as specified
sink
J
Power Dissipation =
W
9.2
1
10
100
5
6
7
8
9
10
11
12
13
14
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
o
T = 150 C
J
o
60% of rated
voltage
I
Ideal diodes
Square wave:
0.1
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
o
T = 150 C
J
o


Similar Part No. - IRG4BC10UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
More results

Similar Description - IRG4BC10UDPBF_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
MJE13007 KEC-MJE13007_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
KMB075N75P KEC-KMB075N75P Datasheet
15Kb / 1P
   TO-220AB PACKAGE
KF80N08P KEC-KF80N08P Datasheet
29Kb / 1P
   TO-220AB PACKAGE
KTC5027 KEC-KTC5027 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
KMB050N60P KEC-KMB050N60P Datasheet
15Kb / 1P
   TO-220AB PACKAGE
KMB050N60PA KEC-KMB050N60PA Datasheet
422Kb / 1P
   TO-220AB PACKAGE
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com