Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20UPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4BC20UPBF
Description  ULTRA FAST SPEED IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UPBF Datasheet(HTML) 8 Page - International Rectifier

  IRG4BC20UPBF Datasheet HTML 1Page - International Rectifier IRG4BC20UPBF Datasheet HTML 2Page - International Rectifier IRG4BC20UPBF Datasheet HTML 3Page - International Rectifier IRG4BC20UPBF Datasheet HTML 4Page - International Rectifier IRG4BC20UPBF Datasheet HTML 5Page - International Rectifier IRG4BC20UPBF Datasheet HTML 6Page - International Rectifier IRG4BC20UPBF Datasheet HTML 7Page - International Rectifier IRG4BC20UPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRG4BC20UPbF
8
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/2010
TO-220AB Package Outline (Dimensions are shown in millimeters (inches))
TO-220AB Part Marking Information
@Y6HQG@)
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
UCDTÃDTÃ6IÃDSA  Ã
GPUÃ8P9@Ã &'(
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
Q6SUÃIVH7@S
6TT@H7G`
GPUÃ8P9@
96U@Ã8P9@
`@6SÃ&Ã2Ã ((&
GDI@Ã8
X@@FÃ (
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
Note: "P" in assembly line
position indicates "Lead-Free"
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRG4BC20UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UPBF IRF-IRG4BC20UPBF Datasheet
314Kb / 9P
   UltraFast Speed IGBT
More results

Similar Description - IRG4BC20UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMIC50U IRF-IRGMIC50U Datasheet
320Kb / 2P
   Ultra Fast Speed IGBT
IRG4PH50UPBF IRF-IRG4PH50UPBF Datasheet
628Kb / 9P
   Ultra Fast Speed IGBT
IRG4PH40UPBF IRF-IRG4PH40UPBF Datasheet
619Kb / 9P
   Ultra Fast Speed IGBT
logo
Inchange Semiconductor ...
IRG4PH50U ISC-IRG4PH50U Datasheet
358Kb / 3P
   Ultra Fast Speed IGBT
logo
International Rectifier
GA200TS60U IRF-GA200TS60U Datasheet
303Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com