Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20FDPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4BC20FDPBF
Description  OPTIMIZED FOR MEDIUM OPERATING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20FDPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG4BC20FDPBF Datasheet HTML 1Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 2Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 3Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 4Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 5Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 6Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 7Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 8Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRG4BC20FDPbF
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
0.1
1
10
100
0
2
4
6
8
10
12
14
f, Frequency (KHz)
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
o
T = 150 C
J
o
1
10
100
5
6
7
8
9
10
11
12
13
14
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
o
T = 150 C
J
o
60% of rated
voltage
I
Ideal diodes
Square wave:
For both:
Duty cycle: 50%
T = 125°C
T
= 90°C
Gate drive as specified
sink
J
Power Dissipation =
W
13


Similar Part No. - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
318Kb / 11P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
More results

Similar Description - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11021 LEDIL-CA11021 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NCSxx19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
   ~30째 medium beam optimized for Nichia 19.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
   ~30째 medium beam optimized for Nichia NS6x83.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83.
CP12679 LEDIL-CP12679 Datasheet
2Mb / 4P
   ~30째 medium beam optimized
CP12672 LEDIL-CP12672 Datasheet
2Mb / 4P
   ~30째 medium beam optimized
CP12819 LEDIL-CP12819 Datasheet
1Mb / 4P
   ~25째 medium beam optimized
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
   ~30째 medium beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com