Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4263-2C Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV4263-2C
Description  200 mA LDO Regulator with Enable, Reset & Watchdog
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4263-2C Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV4263-2C Datasheet HTML 6Page - ON Semiconductor NCV4263-2C Datasheet HTML 7Page - ON Semiconductor NCV4263-2C Datasheet HTML 8Page - ON Semiconductor NCV4263-2C Datasheet HTML 9Page - ON Semiconductor NCV4263-2C Datasheet HTML 10Page - ON Semiconductor NCV4263-2C Datasheet HTML 11Page - ON Semiconductor NCV4263-2C Datasheet HTML 12Page - ON Semiconductor NCV4263-2C Datasheet HTML 13Page - ON Semiconductor NCV4263-2C Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCV4263−2C
www.onsemi.com
11
APPLICATIONS INFORMATION
The NCV4263−2C regulator is self−protected with
internal thermal shutdown and internal current limit. Typical
characteristics are shown in Figures 4 to 22.
Input Decoupling (Cin)
A ceramic or tantalum 0.1
mF capacitor is recommended
and should be connected close to the NCV4263−2C
package. Higher capacitance and lower ESR will improve
the overall line and load transient response. If extremely fast
input voltage transients are expected then appropriate input
filter is recommended to use in order to decrease rising
and/or falling edges below 50 V/
ms for proper operation.
The filter can be composed of several capacitors in parallel.
Output Decoupling (Cout)
The NCV4263−2C is a stable component and requires a
minimum Equivalent Series Resistance (ESR) for the output
capacitor. Stability region of ESR versus Output Current is
shown in Figure 13. The minimum output decoupling value
is 22
mF and can be augmented to fulfill stringent load
transient requirements. Larger values improve noise
rejection and load transient response.
Enable Operation
The Enable pin will turn the regulator on or off. The
threshold limits are covered in the electrical characteristics
table in this data sheet.
Delay Timing
The Delay Timing pin is current source. Current from
Delay Timing pin charges connected capacitor. The value of
this capacitor determines the Reset Delay Time by
Equation 1 and Watchdog Trigger Time by Equation 4.
C
D +
t
RD_des
t
RD
100 nF
(eq. 1)
where:
CD
is capacitance of Delay capacitor
tRD_des
is desired Reset Delay Time
tRD
is Reset Delay Time specified in
datasheet
Reset Operation
A reset signal is provided on the Reset Output pin to
provide feedback to the microprocessor of an out of
regulation condition. The timing diagram of reset function
is shown in Figure 21. This is in the form of a logic signal on
Reset Output. Output voltage conditions below the Reset
Threshold causes Reset Output to go low. The Reset Output
integrity is maintained down to Vout = 1.0 V. The Reset
Output circuitry is open collector output with internal 30 k
W
pull−up resistor. Leave open this output if the Reset function
is not needed else an external pull−up resistor (5.6 k
W)
connect to the output (Vout).
Reset Threshold is default set to 93% of nominal Output
Voltage (VRADJ = 0 V). Reset Threshold can be varied in
range of Output Voltage 70%
≤ Vout < VRT by external
resistor output voltage divider, see schematic on Figure 23
and specification of Reset Output.
NCV4263−2C
GND
100 nF
RADJ
RO
WDI
D
I/O
ON
OFF
EN
100 nF
Figure 23. Application Schematic with Adjustable
Reset Threshold
Microprocessor
Vin
Vout
Cin
RRADJ1
RRADJ2
RESET
RRO
5.6 k
W
CD
Cout
22
mF
VDD
Desired Reset Threshold is given by Equation 2.
V
RT_des +
R
RADJ1 ) RRADJ2
R
RADJ2
V
th(RADJ)
(eq. 2)
where:
VRT_des
is desired Reset Threshold
RRADJ1, RRADJ2 are resistance of resistor divider
Vth(RADJ)
is Reset Adjust Threshold specified in
datasheet
Use RRADJ2
≤ 50 kW to avoid significant Reset Threshold
error due to RADJ bias current.
Watchdog Operation
Watchdog Input monitors a signal from microprocessor.
This input is positive edge sensitive. The timing diagram of
watchdog function is shown in Figure 22. When watchdog
signal is not received during Watchdog Trigger Time, Reset
Output goes low for a Watchdog Input Low Time and is
periodically generated with period given by Equation 3.
Capacitance of Delay capacitor for setting the desired
Watchdog Trigger Time is given by Equation 4.
t
WP + tWL ) tWTT
(eq. 3)
C
D +
t
WTT_des
t
WTT
100 nF
(eq. 4)
where:
CD
is capacitance of Delay capacitor
tWTT_des
is desired Watchdog Trigger Time
tWTT
is Watchdog Trigger Time specified in
datasheet
tWL
is Watchdog Input Low Time
tWP
is Watchdog Input Period
Thermal Considerations
As power in the NCV4263−2C increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent


Similar Part No. - NCV4263-2C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2CST33T3G ONSEMI-NCV4264-2CST33T3G Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results

Similar Description - NCV4263-2C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV8668 ONSEMI-NCV8668 Datasheet
247Kb / 18P
   Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8667 ONSEMI-NCV8667 Datasheet
206Kb / 15P
   150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0
NCV866752D250R2G ONSEMI-NCV866752D250R2G Datasheet
233Kb / 20P
   150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com