Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4269CD250R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4269CD250R2G
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269CD250R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4269CD250R2G Datasheet HTML 1Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 2Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 3Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 4Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 5Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 6Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 7Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 8Page - ON Semiconductor NCV4269CD250R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV4269C
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = −40°C ≤ TJ ≤ 150°C, VI = 13.5 V unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REGULATOR
Output Voltage
VQ
1 mA
v IQ v 100 mA 6 V v VI v 16 V
4.90
5.00
5.10
V
Current Limit
IQ
150
430
500
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 1 mA, RO, SO High
125
250
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 10 mA, RO, SO High
230
450
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 50 mA, RO, SO High
0.9
3.0
mA
Dropout Voltage
Vdr
VI = 5 V, IQ = 100 mA
0.23
0.5
V
Load Regulation
DVQ
IQ = 5 mA to 100 mA
1
20
mV
Line Regulation
DVQ
VI = 6 V to 26 V IQ = 1 mA
1
30
mV
RESET GENERATOR
Reset Switching Threshold
VRT
4.50
4.65
4.80
V
Reset Adjust Switching Threshold
VRADJ,TH
VQ > 3.5 V
1.26
1.35
1.44
V
Reset Pullup Resistance
RRO,INT
10
20
40
k
W
Reset Output Saturation Voltage
VRO,SAT
VQ < VRT, RRO, INT
0.03
0.4
V
Upper Delay Switching Threshold
VUD
1.4
1.8
2.2
V
Lower Delay Switching Threshold
VLD
0.3
0.45
0.60
V
Saturation Voltage on Delay Capacitor
VD,SAT
VQ < VRT
0.1
V
Charge Current
ID,C
VD = 1 V
3.0
6.5
9.5
mA
Delay Time L
³ H
td
CD = 100 nF
17
28
73
ms
Delay Time H
³ L
tRR
CD = 100 nF
1.5
ms
INPUT VOLTAGE SENSE
Sense Threshold High
VSI,High
1.24
1.31
1.38
V
Sense Threshold Low
VSI,Low
1.16
1.20
1.28
V
Sense Output Saturation Voltage
VSO,Low
VSI < 1.20 V; VQ > 3 V; RSO,INT
0.03
0.4
V
Sense Resistor Pullup
RSO,INT
10
20
40
k
W
Sense Input Current
ISI
−1.0
0.1
1.0
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature (Note 6)
TSD
Iout = 1 mA
150
200
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Values based on design and/or characterization.


Similar Part No. - NCV4269CD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
NCV4269 ONSEMI-NCV4269 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269A ONSEMI-NCV4269A Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
More results

Similar Description - NCV4269CD250R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269_07 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com