Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC10UDPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRG4IBC10UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC10UDPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRG4IBC10UDPBF_15 Datasheet HTML 2Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 9Page - International Rectifier IRG4IBC10UDPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRG4IB10UDPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/2011
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
Notes:
 Repetitive rating; VGE = 20V, pulse width limited by max. junction temperature (See fig. 20).
‚ VCC = 80%(VCES), VGE = 20V, L = 10µH, RG = 100Ω, (See fig. 19).
ƒ Pulse width ≤ 80µs; duty factor ≤ 0.1%.
„ Pulse width 5.0µs, single shot.
TO-220AB Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
TO-220AB Full-Pak Part Marking Information
GPBP
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅFÅ
6TT@H7G@9ÃPIÃXXÃ!#Ã!
@Y6HQG@)
GPUÃ8P9@Ã"#"!
UCDTÃDTÃ6IÃDSAD'#BÃ
XDUCÃ6TT@H7G`Ã
Q6SUÃIVH7@S
DIU@SI6UDPI6G
S@8UDAD@S
!#F
DSAD'#B
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
vqvph‡r†ÃÅGrhqA…rrÅ
GDI@ÃF
X@@FÃ!#
`@6SÃ Ã2Ã!
96U@Ã8P9@
GPUÃ8P9@
6TT@H7G`
Ã"#ÃÃÃÃÃÃÃÃÃ"!
TO-220AB Full-Pak package is not recommended for Surface Mount Application.


Similar Part No. - IRG4IBC10UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF Datasheet
659Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast Co-Pack IGBT
More results

Similar Description - IRG4IBC10UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com