Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4274CDT50RKG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV4274CDT50RKG
Description  400 mA Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274CDT50RKG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV4274CDT50RKG Datasheet HTML 5Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 6Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 7Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 8Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 9Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 10Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 11Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 12Page - ON Semiconductor NCV4274CDT50RKG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCV4274C
www.onsemi.com
11
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 25. Duty Cycle for 1 inch2 (645 mm2) Spreader Board, DPAK 3−Lead
PULSE TIME (s)
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
1%
Non−normalized Response
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 26. Duty Cycle for 1 inch2 (645 mm2) Spreader Board, D2PAK 3−Lead
PULSE TIME (s)
50% Duty Cycle
20%
10%
5%
2%
Single Pulse
1%
Non−normalized Response
ORDERING INFORMATION
Device
Output Voltage Accuracy
Output Voltage
Package
Shipping
NCV4274CDT33RKG
2%
3.3 V
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV4274CDS33R4G
2%
3.3 V
D2PAK
(Pb−Free)
800 / Tape & Reel
NCV4274CDT50RKG
2%
5.0 V
DPAK
(Pb−Free)
2500 / Tape & Reel
NCV4274CDS50R4G
2%
5.0 V
D2PAK
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV4274CDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274 ONSEMI-NCV4274 Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
NCV4274 ONSEMI-NCV4274 Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
NCV4274A ONSEMI-NCV4274A Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274A ONSEMI-NCV4274A Datasheet
155Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
February, 2007 ??Rev. 8
More results

Similar Description - NCV4274CDT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
logo
Texas Instruments
TPS73618-Q1 TI1-TPS73618-Q1 Datasheet
962Kb / 21P
[Old version datasheet]   Capacitance-Free NMOS 400-mA Low-Dropout Regulator
logo
ON Semiconductor
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com