Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8660C Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8660C
Description  Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660C Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8660C Datasheet HTML 1Page - ON Semiconductor NCV8660C Datasheet HTML 2Page - ON Semiconductor NCV8660C Datasheet HTML 3Page - ON Semiconductor NCV8660C Datasheet HTML 4Page - ON Semiconductor NCV8660C Datasheet HTML 5Page - ON Semiconductor NCV8660C Datasheet HTML 6Page - ON Semiconductor NCV8660C Datasheet HTML 7Page - ON Semiconductor NCV8660C Datasheet HTML 8Page - ON Semiconductor NCV8660C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCV8660C
www.onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature
4.95
4.97
4.99
5.03
5.05
0
20
40
60
120
TJ, JUNCTION TEMPERATURE (°C)
TJ = 150°C
TJ = 25°C
TJ = −40°C
Iout, OUTPUT CURRENT (mA)
0
1
2
3
4
5
6
02
Vin, INPUT VOLTAGE (V)
Vin = 13.2 V
Iout = 150 mA
−40 −20
80
100
140 160
4.98
5.00
5.02
5.03
0
20
40
60
120
80
100
140
160
46
8
10
TJ = 25°C
Figure 4. Output Voltage vs. Output Current
Figure 5. Output Voltage vs. Input Voltage
(RLOAD = 51 k, Iout = 100 mA)
5.01
4.97
4.99
5.01
200
250
300
350
400
450
500
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Current Limit vs. Temperature
Vin = 13.2 V
0
20
40
60
120
−40 −20
80
100
140 160
Vin = 13.2 V
TJ = 150°C
TJ = −40°C
0
100
200
300
400
700
800
Iout, OUTPUT CURRENT (mA)
Figure 7. Dropout Voltage vs. Output Current
150 mA
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Dropout Voltage vs. Temperature
0
25
50
75
150
100
125
0
20
40
60
120
−40 −20
80
100
140 160
0
100
200
300
400
500
550
1 mA
10 mA
25 mA
50 mA
75 mA
100 mA
125 mA
500
600
50
150
250
350
450
TJ = 150°C
TJ = 25°C
TJ = −40°C


Similar Part No. - NCV8660C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
More results

Similar Description - NCV8660C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com