Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8716MT30TBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8716MT30TBG
Description  80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8716MT30TBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8716MT30TBG Datasheet HTML 1Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 2Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 3Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 4Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 5Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 6Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 7Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 8Page - ON Semiconductor NCV8716MT30TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 3
1
Publication Order Number:
NCV8716/D
NCV8716
80 mA Ultra-Low Iq, Wide
Input Voltage Low Dropout
Regulator
The NCV8716 is 80 mA LDO Linear Voltage Regulator. It is a very
stable and accurate device with ultra−low ground current consumption
(4.7
mA over the full output load range) and a wide input voltage range
(up to 24 V). The regulator incorporates several protection features
such as Thermal Shutdown and Current Limiting.
Features
Operating Input Voltage Range: 2.5 V to 24 V
Fixed Voltage Options Available:
1.5 V to 5.0 V
Ultra Low Quiescent Current: Max. 4.7 mA over Temperature
±2% Accuracy over Full Load, Line and Temperature Variations
PSRR: 60 dB at 100 kHz
Noise: 200 mVRMS from 200 Hz to 100 kHz
Thermal Shutdown and Current Limit Protection
Available in wDFN6, 2x2x0.8 mm Package
This is a Pb−Free Device
Typical Applications
Portable Equipment
Communication Systems
Figure 1. Typical Application Schematic
www.onsemi.com
See detailed ordering, marking and shipping information on
page 15 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
WDFN6
CASE 511BR
PIN CONNECTIONS
WDFN6 2x2 mm
(Top View)
1
2
3
EXP
XX M
1
XX = Specific Device Code
M
= Date Code
6
5
4


Similar Part No. - NCV8716MT30TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716MT30TBG ONSEMI-NCV8716MT30TBG Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results

Similar Description - NCV8716MT30TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com