Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGT15N135KDH Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KGT15N135KDH
Description  High speed switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KGT15N135KDH Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KGT15N135KDH Datasheet HTML 1Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 2Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 3Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 4Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 5Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 6Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 7Page - KEC(Korea Electronics) KGT15N135KDH Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2013. 7. 15
1/8
SEMICONDUCTOR
TECHNICAL DATA
KGT15N135KDH
Revision No : 0
General Description
KEC NPT IGBTs offer low switching losses, high energy efficiency
and high avalanche ruggedness for soft switching application such as
IH(induction heating), microwave oven, etc.
FEATURES
・High speed switching
・High ruggedness, temperature stable behavior
・Soft current turn-off waveforms
・Extremely enhanced avalanche capability
MAXIMUM RATING (Ta=25
℃)
*Repetitive rating : Pulse width limited by max. junction temperature
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Emitter Voltage
VCES
1350
V
Gate-Emitter Voltage
VGES
±20
V
Collector Current
@TC=25℃
IC
30
A
@TC=100℃
15
A
Pulsed Collector Current
ICM*
45
A
Diode Continuous Forward Current
@TC=100℃
IF
15
A
Diode Maximum Forward Current
IFM
45
A
Maximum Power Dissipation
@TC=25℃
PD
150
W
@TC=100℃
60
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 to + 150
CHARACTERISTIC
SYMBOL
MAX.
UNIT
Thermal Resistance, Junction to Case (IGBT)
RthJC
0.82
℃/W
Thermal Resistance, Junction to Case (DIODE)
RthJC
2.3
℃/W
Thermal Resistance, Junction to Ambient
RthJA
40
℃/W
THERMAL CHARACTERISTIC
E
C
G


Similar Part No. - KGT15N135KDH

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT15N135NDH KEC-KGT15N135NDH Datasheet
1Mb / 8P
   KEC NPT IGBTs offer low switching losses, high energy efficiency and high avalanche ruggedness for soft switching application such as IH(induction heating), microwave oven, etc.
KGT15N135NDH KEC-KGT15N135NDH_15 Datasheet
1Mb / 8P
   High speed switching
More results

Similar Description - KGT15N135KDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com