Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHP620MFD Datasheet(PDF) 1 Page - ON Semiconductor

Part # NHP620MFD
Description  Switch-Mode Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NHP620MFD Datasheet(HTML) 1 Page - ON Semiconductor

  NHP620MFD Datasheet HTML 1Page - ON Semiconductor NHP620MFD Datasheet HTML 2Page - ON Semiconductor NHP620MFD Datasheet HTML 3Page - ON Semiconductor NHP620MFD Datasheet HTML 4Page - ON Semiconductor NHP620MFD Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 0
1
Publication Order Number:
NHP620MFD/D
NHP620MFD,
NRVHP620MFD
Switch-Mode
Power Rectifier
This ultrafast rectifier in the dual flag SO−8 flat lead package offers
designers a unique degree of versatility and design freedom. The two
devices are electrically independent and can be used separately, as
common cathode, as common anode or in series as a function of board
level layout. The exposed pad design provides low thermal resistance.
The clip attach design creates a package with very efficient die size to
board area ratio. While thermal performance is nearly the same as the
DPAK package height and board footprint are less than half.
Features
New Package Provides Capability of Inspection and Probe After
Board Mounting
Low Forward Voltage Drop
175°C Operating Junction Temperature
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Applications
Excellent Alternative to DPAK in Space−Constrained Automotive
Applications
Output Rectification in Switching Power Supplies
Freewheeling Diode used with Inductive Loads
Device
Package
Shipping†
ORDERING INFORMATION
NHP620MFDT1G
DFN8
(Pb−Free)
1500 /
Tape & Reel
ULTRAFAST RECTIFIER
6 AMPERES (3x2), 200 VOLTS
http://onsemi.com
1
7,8
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NHP620MFDT3G
DFN8
(Pb−Free)
5000 /
Tape & Reel
NRVHP620MFDT1G
DFN8
(Pb−Free)
1500 /
Tape & Reel
NRVHP620MFDT3G
DFN8
(Pb−Free)
5000 /
Tape & Reel
3
5,6
DFN8 5x6
(SO8FL)
CASE 506BT
MARKING DIAGRAM
HP620D = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
C1
C1
C2
C2
A1
NC
A2
NC
HP620D
AYWZZ
1
C2
C1
C2
C1
NRVHP620MFDWT3G
DFN8
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NHP620MFD

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
NHP-100++ MINI-NHP-100+ Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
NHP-1000 MINI-NHP-1000 Datasheet
147Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
NHP-1000++ MINI-NHP-1000+ Datasheet
147Kb / 1P
   High Pass Filter 50廓 1000 to 3000 MHz
NHP-150 MINI-NHP-150 Datasheet
100Kb / 1P
   High Pass Filter 50廓 133 to 1000 MHz
More results

Similar Description - NHP620MFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com