Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS30201MR6T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS30201MR6T1G
Description  30 V, 3 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS30201MR6T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS30201MR6T1G_11 Datasheet HTML 1Page - ON Semiconductor NSS30201MR6T1G_11 Datasheet HTML 2Page - ON Semiconductor NSS30201MR6T1G_11 Datasheet HTML 3Page - ON Semiconductor NSS30201MR6T1G_11 Datasheet HTML 4Page - ON Semiconductor NSS30201MR6T1G_11 Datasheet HTML 5Page - ON Semiconductor NSS30201MR6T1G_11 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NSS30201MR6T1G, SNSS30201MR6T1G
http://onsemi.com
4
Figure 1. VCE (sat) versus Ib
0.001
0.2
0.01
0.1
1.0
0
0.1
Ib (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 2. VCE (sat) versus Ic
0.001
2
0.01
0.1
1.0
0
0.1
Ic (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IC = 2 A
IC = 1 A
IC = 500 mA
IC = 100 mA
Ic/Ib = 100
Ic/Ib = 10
Figure 3. hFE versus Ic
Figure 4. VBE(on) versus Ic
0.001
2
0.01
0.1
1.2
0
Ic (A)
0.2
0.4
0.6
0.8
Figure 5. VBE(sat) versus Ic
0.001
2
0.01
0.1
1.2
0
Ic (A)
0.2
0.4
0.6
0.8
1.0
Figure 6. Safe Operating Area
VCE(sat) (V)
1
1.0
+125C
+25C
−55C
VCE = 5 V
1
Ic/Ib = 100
Ic/Ib = 10
0.01
0.10
1.00
10.00
0.10
1.00
10.00
100.00
100 ms
10 ms
1 ms
SINGLE PULSE Tamb = 25C
1 s
dc
3.0
0.001
2
0.01
0.1
800
0
100
Ic (A)
200
300
400
500
600
700
1
+125C
+25C
−55C
VCE = 5 V


Similar Part No. - NSS30201MR6T1G_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NSS30201MR6T1G_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30101LT1G ONSEMI-NSS30101LT1G Datasheet
60Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30101LT1G ONSEMI-NSS30101LT1G_09 Datasheet
134Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
PBSS4140T SEMTECH_ELEC-PBSS4140T Datasheet
187Kb / 2P
   30 V Low VCE(sat) NPN Transistor
logo
ON Semiconductor
NSS30071MR6T1G ONSEMI-NSS30071MR6T1G Datasheet
62Kb / 6P
   30 V, 0.7 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS20201MR6T1G ONSEMI-NSS20201MR6T1G Datasheet
38Kb / 4P
   20 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. P1
NSS20201MR6T1G ONSEMI-NSS20201MR6T1G_06 Datasheet
47Kb / 4P
   20 V, 3 A, Low VCE(sat) NPN Transistor
January, 2006 ??Rev. 0
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
68Kb / 6P
   30 V, 2 A, Low Vce(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com