Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS40300MDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS40300MDR2G
Description  Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS40300MDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NSS40300MDR2G Datasheet HTML 1Page - ON Semiconductor NSS40300MDR2G Datasheet HTML 2Page - ON Semiconductor NSS40300MDR2G Datasheet HTML 3Page - ON Semiconductor NSS40300MDR2G Datasheet HTML 4Page - ON Semiconductor NSS40300MDR2G Datasheet HTML 5Page - ON Semiconductor NSS40300MDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 2
1
Publication Order Number:
NSS40300MD/D
NSS40300MDR2G,
NSV40300MDR2G
Dual Matched 40 V, 6.0 A,
Low VCE(sat) PNP Transistor
These transistors are part of the ON Semiconductor e2PowerEdge
family of Low VCE(sat) transistors. They are assembled to create a pair
of devices highly matched in all parameters, including ultra low
saturation voltage VCE(sat), high current gain and Base/Emitter turn on
voltage.
Typical applications are current mirrors, differential amplifiers,
DC−DC converters and power management in portable and battery
powered products such as cellular and cordless phones, PDAs,
computers, printers, digital cameras and MP3 players. Other
applications are low voltage motor controls in mass storage products
such as disc drives and tape drives. In the automotive industry they can
be used in air bag deployment and in the instrument cluster. The high
current gain allows e2PowerEdge devices to be driven directly from
PMU’s control outputs, and the Linear Gain (Beta) makes them ideal
components in analog amplifiers.
Features
Current Gain Matching to 10%
Base Emitter Voltage Matched to 2 mV
AEC−Q101 Qualified and PPAP Capable
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These are Pb−Free Devices*
MAXIMUM RATINGS (TA = 25C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
−40
Vdc
Collector-Base Voltage
VCBO
−40
Vdc
Emitter-Base Voltage
VEBO
−7.0
Vdc
Collector Current − Continuous
IC
−3.0
A
Collector Current − Peak
ICM
−6.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
NSS40300MDR2G
SOIC−8
(Pb−Free)
2,500 /
Tape & Reel
MARKING DIAGRAM
SOIC−8
CASE 751
STYLE 29
http://onsemi.com
40 VOLTS
6.0 AMPS
PNP LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 80 mW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
COLLECTOR
7,8
1
BASE
2
EMITTER
COLLECTOR
5,6
3
BASE
4
EMITTER
P40300
AYWWG
G
1
8
P40300 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
NSV40300MDR2G
SOIC−8
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - NSS40300MDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40300MDR2G ONSEMI-NSS40300MDR2G Datasheet
112Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
May, 2008 ??Rev. 1
More results

Similar Description - NSS40300MDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40300MDR2G ONSEMI-NSS40300MDR2G Datasheet
112Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
May, 2008 ??Rev. 1
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
   Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40302PDR2G ONSEMI-NSS40302PDR2G Datasheet
125Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
September, 2008 ??Rev. 0
NSS40302PDR2G ONSEMI-NSS40302PDR2G_15 Datasheet
98Kb / 9P
   Complementary 40 V, 6.0 A, Low VCE(sat) Transistor
May, 2015 ??Rev. 2
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com