Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-3310WS-MCA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-3310WS-MCA1E
Description  TI AM3352 Cortex A8 1GHz RTX2.0 Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-3310WS-MCA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-3310WS-MCA1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-3310WS-MCA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
ROM-3310
TI AM3352 Cortex A8 1GHz RTX2.0 Module
ƒ TI Sitara Cortex A8 AM3352 1Ghz high performance processor
ƒ On board DDR3 512MB memory / 4GB Flash
ƒ Support wide range power input 5V~24V
ƒ Option thermal solution 0 ~ 60° C/ -40 ~ 85° C
ƒ Support Linux kernel v3.2.0
Introduction
ROM-3310 RTX2.0 module integrates an ARM Cortex A8 single core 1 GHz TI AM3352 series ultra low power SoC and I/O solution chips to be Linux solution-ready! TI AM3352
supports multi-serial port on market of data collection. ROM-3310 supports 5V~24V wide range power input and wide temperature -40 ~ 85° C design for data collection on industrial
applications. Base on the thickness of 2.0mm, make it become enough strong and gold finger design also makes the PIN is not easy to oxidation.
ROM-3310 RTX2.0 module has an Advantech ROM-DB3900 evaluation carrier board for easy integration and hardware design reference and also provides Linux BSP utility and
reference codes for application development and device integration.
Specifications
Form Factor
RTX 2.0
Processor System
CPU
TI Sitara Cortex A8 AM3352 1Ghz
Memory
Technology
DDR3 on board 800MHz
Capacity
512MB
Flash
4GB EMMC NAND Flash for O.S & 4MB SPI NOR Flash for ADV Loader
Graphics
Parallel RGB
24bit TTL
Ethernet
Transceiver
TI AM3352 Integrated RGMII
Speed
1 x 10/100/1000 Mbps
RTC
RTC
1
WatchDog Timer
MSP430G2202 (time out : 0.1~6553.5s, power on/off 4s)
I/O
USB
1 x USB 2.0 host & 1 x USB2.0 OTG
I2S
1
SDIO
1
Serial Port
1 x 4wires RS485 & 4 x 2wires RS232 (3.3v)
SPI
1 x SPI
CAN
2 x CAN 2.0
GPIO
10
I2C
1
Power
Power Supply Voltage
5 ~ 24 V
Power Consumption
TBD
Environment
Operational Temperature
0 ~ 60° C/ -40 ~ 85° C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions (W x D x H)
68 x 68 x 2 mm
Operating System
Linux Kernel v3.2.0
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 30-Jun-2015


Similar Part No. - ROM-3310WS-MCA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-3310WS-MCA1E ADVANTECH-ROM-3310WS-MCA1E Datasheet
795Kb / 2P
   TI Sitara??ARM짰 AM3352 Cortex짰-A8 1GHz RTX2.0 Module
ROM-3310WS-MCA1E ADVANTECH-ROM-3310WS-MCA1E Datasheet
3Mb / 4P
   TI Sitara™ ARM AM3352 Cortex -A8 1GHz RTX2.0 Module
7-Jul-2021
More results

Similar Description - ROM-3310WS-MCA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-3310 ADVANTECH-ROM-3310 Datasheet
3Mb / 4P
   TI Sitara™ ARM AM3352 Cortex -A8 1GHz RTX2.0 Module
7-Jul-2021
ROM-3310WS-MCA1E ADVANTECH-ROM-3310WS-MCA1E Datasheet
795Kb / 2P
   TI Sitara??ARM짰 AM3352 Cortex짰-A8 1GHz RTX2.0 Module
UBC-330 ADVANTECH-UBC-330_15 Datasheet
396Kb / 2P
   TI Sitara AM3352 Cortex-A8 RISC box
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
   TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
RSB-4220 ADVANTECH-RSB-4220_15 Datasheet
463Kb / 2P
   TI Sitara AM3352 Cotrex A8 3.5" Single board
RSB-4220 ADVANTECH-RSB-4220 Datasheet
422Kb / 2P
   TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC with Linux Kernel V3.2.0
3-May-2016
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
   TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
logo
List of Unclassifed Man...
SP-7W61 ETC2-SP-7W61 Datasheet
628Kb / 2P
   Smart Panel with TI AM3715 Sitara Cortex A8 Processor
logo
Advantech Co., Ltd.
ROM-3420 ADVANTECH-ROM-3420_15 Datasheet
901Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 RTX2.0 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com