Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-DK3420 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-DK3420
Description  Development kit for RTX 2.0 CPU Module ROM-3420
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DK3420 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-DK3420_14 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DK3420_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
Development kit for
RTX 2.0 CPU Module ROM-3420
ROM-3420
Evaluation Kit
ƒ Freescale ARM Cortex-A9 i.MX6 Dual 1 GHz high performance processor
ƒ Onbard DDR3 1 GB
ƒ Parallel RGB, HDMI, Single channel 24bit LVDS, 1366 x 768
ƒ Supports 4 GB eMMC Flash, 1 SD/MMC, 1 SATA
ƒ Supports 1 PCIe, 1 GbE, 1 USB 2.0, 1 USB OTG2.0, 1 SATAII, 4 I2C, 1 I2S,
1 Camera in, 2 CANbus, 10 GPIO, 1 System bus
ƒ Supports OpenGL ES 2.0 and OpenVG 1.1 hardware accelerators
ƒ Supports full HD hardware encode/decode engine
ƒ Optional thermal solution
Specifications
Form Factor
ROM-3420 Evaluation Kit
Processor System
CPU
Freescale ARM Cortex-A9 i.MX6 Dual 1 GHz
Memory
Technology
DDR3 1066 MHz
Capacity
On-board DDR3 1 GB
Flash
4 GB eMMC NAND Flash for O.S. and 4 MB SPI NOR Flash for Advantech boot loader
Graphics
LVDS
Single channel 18/24-bit LVDS, 1366 x 768
HDMI
1920 x 1080
Parallel RGB
-
VGA
1920 x 1080
Graphics Engine
2 IPUs. OpenGL ES 2.0 for 3D, BitBlt for 2D and OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
Freescale i.MX6 integrated RGMII
Speed
1 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
256-level timer interval, from 0 ~ 128 sec
I/O
PCIe
1 PCIe, 1 Lane
SATA
1 SATAII
USB
1 USB 2.0, 1 USB 2.0 OTG
Audio
1 Line in, 1 Audio out
SPDIF
1
SDIO
1 SD card slot
Serial Port
3 UART (3 x 4 wire w / 3.3V)
SPI
2
CAN
2 CAN bus 2.0B
GPIO
10
I2C
5
Camera Input
1 MIPI v1.0, 4x Lane
System Bus
Address: 26 bits, Data: 16 bits
Touch
-
Keypad
-
Power
Power Supply Voltage
19V DC Jack
Power Consumption
4.92W (Max. load)
Environment
Operational Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
305 x 244 mm (12" x 9.6")
Operating System
Linux Kernel v3.0.35
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 7-Oct-2014


Similar Part No. - ROM-DK3420_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK3420-F0A1E ADVANTECH-ROM-DK3420-F0A1E Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
ROM-DK3420-F0A2E ADVANTECH-ROM-DK3420-F0A2E Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
More results

Similar Description - ROM-DK3420_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK3310 ADVANTECH-ROM-DK3310 Datasheet
453Kb / 2P
   Development Kit for RTX 2.0 computer Module ROM-3310
6-Jun-2019
ROM-DK3420 ADVANTECH-ROM-DK3420 Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
ROM-DK7510 ADVANTECH-ROM-DK7510 Datasheet
465Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
ROM-DK7421 ADVANTECH-ROM-DK7421 Datasheet
440Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
ROM-DK5420 ADVANTECH-ROM-DK5420_14 Datasheet
627Kb / 2P
   Development kit for SMARC CPU Module ROM-5420
ROM-DK5420 ADVANTECH-ROM-DK5420 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
   Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
ROM-DK7420 ADVANTECH-ROM-DK7420 Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-DK7420 ADVANTECH-ROM-DK7420_14 Datasheet
905Kb / 2P
   Development kit for Freescale i.MX6 Qseven Module ROM-7420
ROM-DB3900 ADVANTECH-ROM-DB3900 Datasheet
460Kb / 2P
   Development Board for RTX v2.0 RISC Module
25-Feb-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com