Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-DK5420 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DK5420
Description  Development kit for SMARC CPU Module ROM-5420
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DK5420 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DK5420_14 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DK5420_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-5420 Evaluation Kit
Ordering Information
Part No.
Description
ROM-DK5420-F0A1E
ROM-5420 Evaluation Kit
Option Accessories
Part No.
Description
170203183C
Power Code 3P Europe 183cm
170203180A
Power Cord 3P UK 183cm
Packing List
Part No.
Description
Quantity
9696M59000E
SMARC v1.0/v1.1 Carrier board
ROM-DB5900
1
Dual ROM-5420CD-
MDA1E
SMARC CPU module Freescale i.mx6
dual core with 1GB memory (0 ~ 60° C)
1
9696ED2000E
SPI Debug adapter board
1
1700022373-01
Debug port cable for debug adapter
board
1
9696MEG510E
Audio daughter board
1
9680015491
PCIe to miniPCIe adapter card
1
96LEDK-A070WV40NB1
7" LCD AUO G070VW01 V0 w/o tough
1
1700021882-01
LVDS backlight cable, 1
1700021883-01
LVDS cable
1
1700021941-01
SATA power
1
1700004711
SATA signal
1
1700019076
USB OTG to Type A female
1
1700019077
USB OTG to Type A male
1
1701100300
D-SUB 9P(M) 30cm for UART and CAN
2
1700022840-01
SPDIF to RCA cable for audio in and out
1
1700019474
A Cable D-SUB 9P for RS232/RS485
1
1700001524
US power cord
1
1757003553
Power adapter
1
SQF-ISDS1-4G-82C
Advantech SD 4GB MLC
1
1960063090N001
Heat spreader
1
1930005215
Scew for heat spreader
4
1960063089N001
Semi heat sink
1
1930004835
Scew for heat spreader and semi heat
sink
4
Freescale i.MX6
Dual
Ethernet
Transceiver
ISC Switch
DDR 3
Memory
eMMC
4 GB Flash
TTL 24bit
LVDS
LVDS
HDMI
CSI0/ CSI1 (camera in)
USB OTG
USB HOST
PCIe x1
I2C
SDIO
SATA
SPI
I2S
SPDIF
UART
2 CAN
GPIO
GbE LAN
eMMC
Parallel RGB
HDMI
CSI (Camera input)
USB Host/OTG
PCIe x1
SATA
4 SPI
SDIO
I2C
I2S
SPDIF
4 UART
2 CAN
12 GPIO
I2C
MDI
RGMII
4 I2C (Slave)
I2C
SPI Flash
MCU
Transmitter
eMMC 4 GB
VGA
LVDS
HDMI
1 Camera Inputs
1 USB OTG
1 PCIe x1 Slots
1 I2C pin headers
SD Card
SATA/SATA-DOM
2 SPI pin headers
Line In/Out
SPDIF
3 RS232
1 RS232/422/485
2 CAN
GbE LAN
12 GPIO
1 USB Host


Similar Part No. - ROM-DK5420_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK5420-F0A1E ADVANTECH-ROM-DK5420-F0A1E Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
ROM-DK5420-F0A2E ADVANTECH-ROM-DK5420-F0A2E Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
More results

Similar Description - ROM-DK5420_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK5420 ADVANTECH-ROM-DK5420 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
ROM-DK3420 ADVANTECH-ROM-DK3420_14 Datasheet
607Kb / 2P
   Development kit for RTX 2.0 CPU Module ROM-3420
ROM-DK7510 ADVANTECH-ROM-DK7510 Datasheet
465Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
ROM-DK7421 ADVANTECH-ROM-DK7421 Datasheet
440Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
   Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
ROM-DK7420 ADVANTECH-ROM-DK7420 Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-DK3420 ADVANTECH-ROM-DK3420 Datasheet
488Kb / 2P
   Development Kit for RTX2.0 computer Module ROM-3420
6-Jun-2019
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
   Development board for RISC SMARC v1.0 Module
ROM-DB5900 ADVANTECH-ROM-DB5900 Datasheet
544Kb / 2P
   Development Board for SMARC v1.1 RISC Module
14-Oct-2016
ROM-DB5901 ADVANTECH-ROM-DB5901 Datasheet
432Kb / 2P
   Development Board for SMARC v2.0 RISC Module
14-Jan-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com