Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-DK7420-F0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-DK7420-F0A1E
Description  Development kit for Freescale i.MX6 Qseven Module ROM-7420
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DK7420-F0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-DK7420-F0A1E Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DK7420-F0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-7420 Evaluation Kit
Ordering Information
Part No.
Description
ROM-DK7420-F0A1E
ROM-7420 Evaluation Kit
Packing List
Part No.
Description
Quantity
ROM-7420CD-MDA1E
ROM-7420 i.MX6 Dual core Qseven
module
1
ROM-DB7500-SCA1E
ROM-DB7500 Qseven Carrier Board
1
9696ED2000E
Debug port adapter board
1
96LEDK-A070WV40NB1
AUO G070VW01-A0 7” LED panel
1
SQF-ISDS1-4G-82C
4G SD card(0~70°C)
1
1960061913N001
Heat spreader for ROM-7420
1
1757003553
Power Adapter 12V 3A
1
1700001524
US power cord 3P UL
1
1654909900
Terminal connector 9P female
1
1700004711
SATA Power cable
1
1700021941-01
SATA Cable 15P
1
1700019076
UAB Type A(F) to USB OTG cable 8CM
1
1700019077
UAB Type A(M) to USB OTG cable
150CM
1
1700021861-01
UAB Type A(F) to 4P USB pin header
1
1700019474
D-SUB 9P RS232/RS485 100CM
1
1700020442-01
Debug Port cable for ROM-7420
1
1700021882-01
LVDS backlight cable
1
1700021883-01
LVDS cable
1
1700100250
RS232 to DB9 cable
1
WDT
PCIE0
USB2.0 OTG
USB2.0 Host
GBE
LVDS
HDMI
CANbus x2
I2C x3
UART x4
I2S
1 SDIO
GPIO x8
VGA
JTAG
SPI
eMMC 4GB
Flash
SPI Flash
DDR3
Memory
SDIO
DDR3
SPI0(CS0)
Transceiver
AR8033
Video DAC
CH7055A
Freescale
i.MX6 Dual
1GHz
3 USB Host
USB HUB
Mini-PCIe Slot
SIM Slot
VGA
HDMI
2 LVDS
USB OTG
GbE LAN
Line in/Out
SD Card
4 RS-232
2 CAN
8 GPIO


Similar Part No. - ROM-DK7420-F0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK7420-F0A1E ADVANTECH-ROM-DK7420-F0A1E Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
More results

Similar Description - ROM-DK7420-F0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DK7420 ADVANTECH-ROM-DK7420 Datasheet
430Kb / 2P
   Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-DK7510 ADVANTECH-ROM-DK7510 Datasheet
465Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
ROM-DK7421 ADVANTECH-ROM-DK7421 Datasheet
440Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
ROM-DB7503 ADVANTECH-ROM-DB7503 Datasheet
651Kb / 2P
   Development Board for Qseven V2.1 ROM Modules
19-Oct-2020
logo
NXP Semiconductors
CSM-56F801 NXP-CSM-56F801 Datasheet
281Kb / 13P
   Development Module for Freescale DSP56F801
07/2006
logo
Freescale Semiconductor...
TWR-S08LL64-KIT FREESCALE-TWR-S08LL64-KIT Datasheet
85Kb / 3P
   Freescale - TWR-S08LL64-KIT - Development Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com