Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A3260 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A3260
Description  Single DC Positive Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3260 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3260 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3260 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3260 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3260 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3260 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3260 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Source Voltage
+18
Volts
RF input Power
-5
dBm
Operating Temperature (base-plate)
-40 to +85
°C
Storage Temperature
-55 to +125
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
Width
1 in [25.4 mm]
Height
0.4 in [10.16 mm]
.
Input Connector
2.92mm
Output Connector
2.92mm
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-45 to +125 deg C
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE15A3260
PE15A3260 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 2 dB NF, 13 dBm P1dB, 18 GHz to 26.5 GHz, Low Noise Broadband Amplifier,
22 dBm IP3, 2.92mm PE15A3260
40 dB Gain, 2 dB NF, 13 dBm P1dB, 18 GHz to 26.5 GHz,
Low Noise Broadband Amplifier, 22 dBm IP3, 2.92mm


Similar Part No. - PE15A3260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
   Gain 30 dB min
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
   15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
   2 GHz to 18 GHz Frequency Range
More results

Similar Description - PE15A3260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4018 PASTERNACK-PE15A4018 Datasheet
508Kb / 4P
   Single DC Positive Supply
PE15A3005 PASTERNACK-PE15A3005 Datasheet
579Kb / 5P
   Single DC Positive Supply
PE15A3007 PASTERNACK-PE15A3007 Datasheet
590Kb / 5P
   Single DC Positive Supply
logo
M/A-COM Technology Solu...
MAAM-007724 MA-COM-MAAM-007724_15 Datasheet
662Kb / 5P
   Single Positive Supply
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6231 AVAGO-AMMP-6231 Datasheet
584Kb / 8P
   Single Positive Supply Pin
logo
Pasternack Enterprises,...
PE71S3900 PASTERNACK-PE71S3900 Datasheet
500Kb / 7P
   USB type plug DC Positive Supply
PE71S3901 PASTERNACK-PE71S3901 Datasheet
512Kb / 7P
   USB type plug DC Positive Supply
logo
Analog Devices
ADPA9002 AD-ADPA9002 Datasheet
318Kb / 19P
   GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
logo
Fairchild Semiconductor
AN-780 FAIRCHILD-AN-780 Datasheet
76Kb / 5P
   Operating ECL from a Single Positive Supply
logo
Renesas Technology Corp
ISL98608IIH RENESAS-ISL98608IIH Datasheet
2Mb / 33P
   High Efficiency Single Inductor Positive/Negative Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com