Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A3265 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A3265
Description  2 GHz to 18 GHz Frequency Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3265 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A3265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3265 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
dB
dBm
0
5
10
15
20
25
30
2 2.8 3.6 4.4 5.2 6 6.8 7.6 8.4 9.2 10 10.8 11.6 12.4 13.2 14 14.8 15.6 16.4 17.2 18
Freq.(GHz)
P1dB vs Temperature
P1dB(dBm) @+70
P1dB (dBm) @+25 C
0
1
2
3
4
5
6
2 2.8 3.6 4.4 5.2 6 6.8 7.6 8.4 9.2 10 10.8 11.6 12.4 13.2 14 14.8 15.6 16.4 17.2 18
Freq.(GHz)
NF vs Temperature
NF(dB) 25 C
N.F(dB) @+70
PE15A3265
PE15A3265 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 13 dBm P1dB, 2 GHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, 3.5 dB NF,
SMA PE15A3265
13 dBm P1dB, 2 GHz to 18 GHz, Medium Power
Broadband Amplifier, 33 dB Gain, 3.5 dB NF, SMA


Similar Part No. - PE15A3265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
   Single DC Positive Supply
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
   Gain 30 dB min
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
   15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
More results

Similar Description - PE15A3265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
   2 GHz to 18 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
   2 GHz to 8 GHz Frequency Range
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
   1 GHz to 2 GHz Frequency Range
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
   Frequency Range 2.4 GHz to 2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com