Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A4019 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE15A4019
Description  Unconditionally Stable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4019 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE15A4019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4019 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4019 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
© 2014 Pasternack Enterprises All Rights Reserved
PE15A4019 REV 1.0
800 mW P1dB, 60 MHz to 6 GHz, Medium Power Amplifier,
36 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4019 CAD Drawing


Similar Part No. - PE15A4019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
   Power High Gain Amplifier, 2 dB NF, SMA
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
   50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
   50 Ohm Input and Output Matched
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
   5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4014 PASTERNACK-PE15A4014 Datasheet
432Kb / 6P
   3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
More results

Similar Description - PE15A4019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5027 PASTERNACK-PE15A5027 Datasheet
508Kb / 5P
   Unconditionally Stable
PE15A3254 PASTERNACK-PE15A3254 Datasheet
482Kb / 8P
   Unconditionally Stable
PE15A4025 PASTERNACK-PE15A4025 Datasheet
509Kb / 4P
   Unconditionally Stable
PE15A4017 PASTERNACK-PE15A4017 Datasheet
516Kb / 4P
   Unconditionally Stable
PE15A4021 PASTERNACK-PE15A4021 Datasheet
479Kb / 4P
   Unconditionally Stable
PE15A8001 PASTERNACK-PE15A8001 Datasheet
392Kb / 3P
   Unconditionally Stable
PE15A5018 PASTERNACK-PE15A5018 Datasheet
817Kb / 7P
   Unconditionally Stable
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
   Unconditionally Stable
logo
L3Harris Narda-MITEQ
LNA-20-00100400-15-10P L3HARRIS-LNA-20-00100400-15-10P Datasheet
573Kb / 3P
   Unconditionally stable
LNA-20-00100400-15-15P L3HARRIS-LNA-20-00100400-15-15P Datasheet
584Kb / 3P
   Unconditionally stable
logo
Pasternack Enterprises,...
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
   Unconditionally Stable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com