Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBTA44 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMBTA44
Description  400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTA44 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMBTA44_15 Datasheet HTML 4Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 5Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 6Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 7Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 8Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 9Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 10Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 11Page - NXP Semiconductors PMBTA44_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PMBTA44_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 22 February 2008
8 of 12
NXP Semiconductors
PMBTA44
400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 9.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMBTA44
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - PMBTA44_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBTA44-Q NEXPERIA-PMBTA44-Q Datasheet
243Kb / 10P
   400 V, 0.3 A NPN high-voltage low VCEsat transistor
26 April 2022
More results

Similar Description - PMBTA44_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA44 NXP-PMBTA44 Datasheet
103Kb / 12P
   400 V, 0.3 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-22 February 2008
logo
Nexperia B.V. All right...
PMBTA44-Q NEXPERIA-PMBTA44-Q Datasheet
243Kb / 10P
   400 V, 0.3 A NPN high-voltage low VCEsat transistor
26 April 2022
PMBTA44 NEXPERIA-PMBTA44 Datasheet
1Mb / 10P
   400 V, 0.3 A NPN high-voltage low VCEsat transistor
1 January 2023
PBHV9540X NEXPERIA-PBHV9540X Datasheet
234Kb / 13P
   400 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV2160Z PHILIPS-PBHV2160Z_15 Datasheet
205Kb / 13P
   600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
24 June 2015
PBHV8540T NXP-PBHV8540T_09 Datasheet
115Kb / 12P
   500 V, 0.5 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-14 January 2009
logo
Nexperia B.V. All right...
PBHV8215Z NEXPERIA-PBHV8215Z Datasheet
277Kb / 13P
   150 V, 2 A NPN high-voltage low VCEsat (BISS) transistor
PBHV2160Z NEXPERIA-PBHV2160Z Datasheet
694Kb / 13P
   600 V, 0.1 A NPN high-voltage low VCEsat (BISS) transistor
PBHV8118T NEXPERIA-PBHV8118T Datasheet
286Kb / 14P
   180 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01 - 7 May 2010
PBHV8115Z NEXPERIA-PBHV8115Z Datasheet
248Kb / 13P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02 - 9 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com