Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58631 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA58631
Description  3 W BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA58631_15 Datasheet HTML 2Page - NXP Semiconductors SA58631_15 Datasheet HTML 3Page - NXP Semiconductors SA58631_15 Datasheet HTML 4Page - NXP Semiconductors SA58631_15 Datasheet HTML 5Page - NXP Semiconductors SA58631_15 Datasheet HTML 6Page - NXP Semiconductors SA58631_15 Datasheet HTML 7Page - NXP Semiconductors SA58631_15 Datasheet HTML 8Page - NXP Semiconductors SA58631_15 Datasheet HTML 9Page - NXP Semiconductors SA58631_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SA58631_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2007
6 of 21
NXP Semiconductors
SA58631
3 W BTL audio amplifier
11. Static characteristics
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal to the DC output
offset voltage divided by RL.
[2]
The DC output voltage with respect to ground is approximately 0.5
× V
CC.
12. Dynamic characteristics
[1]
Gain of the amplifier is 2
× (R2 / R1) in test circuit of Figure 3.
[2]
The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a source impedance
of RS =0 Ω at the input.
[3]
Supply voltage ripple rejection is measured at the output with a source impedance of Rs =0 Ω at the input. The ripple voltage is a
sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied to the positive supply rail.
[4]
Supply voltage ripple rejection is measured at the output, with a source impedance of Rs =0 Ω at the input. The ripple voltage is a
sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS), which is applied to the positive supply rail.
[5]
Output voltage in mute position is measured with an input voltage of 1 V (RMS) in a bandwidth of 20 kHz, which includes noise.
Table 6.
Static characteristics
VCC =5V; Tamb =25 °C; RL =8 Ω; VMODE = 0 V; measured in test circuit Figure 3; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
2.2
9
18
V
Iq
quiescent current
RL = ∞Ω
[1] -
8
12
mA
Istb
standby current
VMODE =VCC
--10
µA
VO
output voltage
[2] -
2.2
-
V
∆VO(offset)
differential output voltage offset
-
-
50
mV
IIB(IN+)
input bias current on pin IN+
-
-
500
nA
IIB(IN−)
input bias current on pin IN
-
-
500
nA
VMODE
voltage on pin MODE
operating
0
-
0.5
V
mute
1.5
-
VCC − 1.5
V
standby
VCC − 0.5
-
VCC
V
IMODE
current on pin MODE
0 V < VMODE <VCC
--20
µA
Table 7.
Dynamic characteristics
VCC =5V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; measured in test circuit Figure 3; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
THD+N = 10 %
1
1.2
-
W
THD+N = 0.5 %
0.6
0.9
-
W
THD+N = 10 %; VCC =9V
-
3.0
-
W
THD+N
total harmonic
distortion-plus-noise
Po = 0.5 W
-
0.15
0.3
%
Gv(cl)
closed-loop voltage gain
[1] 6
-
30
dB
∆Zi
differential input
impedance
-
100
-
k
Vn(o)
noise output voltage
[2] -
-
100
µV
PSRR
power supply rejection
ratio
[3] 50
--dB
[4] 40
--dB
Vo
output voltage
mute condition
[5] -
-
200
µV


Similar Part No. - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Similar Description - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com