Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58637 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA58637
Description  2 x 2.2 W BTL audio amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58637 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA58637_15 Datasheet HTML 4Page - NXP Semiconductors SA58637_15 Datasheet HTML 5Page - NXP Semiconductors SA58637_15 Datasheet HTML 6Page - NXP Semiconductors SA58637_15 Datasheet HTML 7Page - NXP Semiconductors SA58637_15 Datasheet HTML 8Page - NXP Semiconductors SA58637_15 Datasheet HTML 9Page - NXP Semiconductors SA58637_15 Datasheet HTML 10Page - NXP Semiconductors SA58637_15 Datasheet HTML 11Page - NXP Semiconductors SA58637_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SA58637_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 25 February 2008
8 of 22
NXP Semiconductors
SA58637
2
× 2.2 W BTL audio amplifier
13. Application information
13.1 BTL application
Tamb =25 °C, VCC = 9 V, f = 1 kHz, RL =8 Ω, Gv = 20 dB, audio band-pass 22 Hz to
22 kHz. The single-ended input and BTL differential output diagram is shown in Figure 3.
Pins 8, 9, 18 and 19 connected to ground.
Fig 3.
Application diagram of SA58637 single-ended input and BTL differential output
configuration
001aah746
R2
50 k
SA58637
OUTL
INL+
INL
GND
SVR
OUTL+
MODE
7
15
14
3
2
16
1
17
C3
47
µF
R1
1
µF
VI
RL
100
µF
100 nF
VCC
20
10
R4
50 k
OUTR
INR+
INR
OUTR+
12
13
11
6
R3
1
µF
VI
RL
SELECT
4
10 k
10 k
Gain left
2
R2
R1
-------
×
=
Gain right
2
R4
R3
-------
×
=


Similar Part No. - SA58637_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637BS NXP-SA58637BS Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results

Similar Description - SA58637_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com