Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE20S0017 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE20S0017
Description  High Power Handling Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0017 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE20S0017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE20S0017 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TECHNICAL DATA SHEET
PE20S0017 is a passive 4 way High Power Broadband RF Combiner with 50 ohm N connectors operating from 2000 to 6000
MHz, with a max input power at 400 watts. The PE20S0017 has a less than 0.80 dB typical low insertion loss and a Max
VSWR of 1.30:1; along with a phase balance of ±5 degrees and an amplitude balance of ±0.3 dB. The RF Combiner operates
in a temperature range from -55°C to 85°C, with a foot print of 4.51”x2.96”x1.10”.
Features
• 2000 to 6000 MHz Frequency
• 400 watt max power
• Insertion Loss: < 0.80 dB
• Phase Balance: ±5 degrees
• Amplitude Balance: ±0.30 dB
• High Power Handling Capability
Applications
• Communications Systems
• Power Combining
• PCS,GSM,LTE, Cellular
Amplifier Systems
Amplifier Power Combining
• Wireless Infrastructures
• Defence Applications
Configuration
Input Connectors
N Female
Output Connector
N Female
Frequency Range
2 to 6 GHz
Design
Reactive
Number of Input Ports
4
Housing Material and Plating
Aluminum Alloy
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
6
GHz
Impedance
50
Ohms
Insertion Loss
0.8
dB
Input Power
400
Watts
Output VSWR
1.3:1
Phase Balance
± 5
Degrees
Flatness
±0.3
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +85 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 Way High Power Broadband Combiner From 2 GHz to 6 GHz Rated at 400 Watts, Type N
PE20S0017
PE20S0017
PE20S0017 REV 1.1
4 Way High Power Broadband Combiner From
2 GHz to 6 GHz Rated at 400 Watts, Type N


Similar Part No. - PE20S0017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0012 PASTERNACK-PE20S0012 Datasheet
465Kb / 6P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
More results

Similar Description - PE20S0017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0003 PASTERNACK-PE20S0003 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com