Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF360X_FAM_SDS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAF360X_FAM_SDS
Description  Digital radio and processing system-on-chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF360X_FAM_SDS Datasheet(HTML) 4 Page - NXP Semiconductors

  SAF360X_FAM_SDS_15 Datasheet HTML 1Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 2Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 3Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 4Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 5Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 6Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 7Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 8Page - NXP Semiconductors SAF360X_FAM_SDS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SAF360X_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
Rev. 3 — 23 January 2015
4 of 15
NXP Semiconductors
SAF360x
Digital radio and processing system-on-chip
SAF3600, SAF3607
VDD(IO)
input/output supply voltage
3.0
3.3
3.6
V
VQPS
OTP programming voltage (2.5 V)
2.25
2.5
2.7
V
VDD(A)
analog blocks supply voltage
1.14
1.2
1.26
V
VDD(C)
core supply voltage
1.14
1.2
1.26
V
Supply currents
SAF3601, SAF3602, SAF3604, SAF3606
IDDA(xxx) +
IDDD(xxx)
combined front-end supply currents
DAB 1.8 SW Stack
-
460
560
mA
IDD(A)
analog supply currents
DAB 1.8 SW Stack
-
15
20
mA
IDD(IO)
input/output supply current
DAB 1.8 SW Stack
-
40
55
mA
IDD(C)
core supply current
DAB 1.8 SW Stack
-
400
460
mA
SAF3600, SAF3607
IDD(A)
analog supply currents
HD 1.5 SW Stack
-
15
20
mA
IDD(IO)
input/output supply current
HD 1.5 SW Stack
-
40
55
mA
IDD(C)
core supply current
HD 1.5 SW Stack
-
260
310
mA
Power dissipation
SAF3601, SAF3602, SAF3604, SAF3606
Ptot
total power dissipation
DAB 1.8 SW Stack
-
1.53
1.93
W
SAF3600, SAF3607
Ptot
total power dissipation
HD 1.5 SW Stack
-
0.46
0.61
W
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - SAF360X_FAM_SDS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560 NXP-SAF3560 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
SAF3560HV1100 NXP-SAF3560HV1100 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
SAF3560HV1101 NXP-SAF3560HV1101 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
SAF3560HV1102 NXP-SAF3560HV1102 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
SAF3560HV1103 NXP-SAF3560HV1103 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
More results

Similar Description - SAF360X_FAM_SDS_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
   Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443 Datasheet
1Mb / 202P
[Old version datasheet]   Digital Media System on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com